Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 25 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics CR14 Datasheet HTML 23Page - STMicroelectronics CR14 Datasheet HTML 24Page - STMicroelectronics CR14 Datasheet HTML 25Page - STMicroelectronics CR14 Datasheet HTML 26Page - STMicroelectronics CR14 Datasheet HTML 27Page - STMicroelectronics CR14 Datasheet HTML 28Page - STMicroelectronics CR14 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
CR14
5 Applying the I²C protocol to the CR14 registers
25/46
Figure 17. CR14-to-Host Transfer: I²C Random Address Read from Slot Marker Register
Figure 18. CR14-to-Host Transfer: I²C Current Address Read from Slot Marker Register
5.4
Addresses above Location 06h
In I²C Write mode, when the CR14 receives the 8-bit register address, and the address is above
location 06h, the device does not acknowledge (NoACK) and deselects itself from the bus. The
Serial Data line, SDA, stays at logic ‘1’ (pull-up resistor), and the I²C Host receives a NoACK
during the 9th bit time. The SDA line stays High until the STOP condition is issued.
In the I²C Current and Random Address Read modes, when the CR14 receives the 8-bit
register address, and the address is above location 06h, the device does not acknowledge the
Device Select Code after the START condition, and deselects itself from the bus.
S
T
A
R
T
1010 X X X
00h
FFh
S
T
O
P
ACK
ACK
ACK
Slot Marker
Register
Address
Device Select
Code
Bus Master
CR14 Read
Bus Slave
ai12045
R
E
S
T
A
R
T
1010 X X X
R/W
Device Select
Code
R/W
NoACK
FFh
S
T
O
P
ACK
Bus Master
CR14 Read
Bus Slave
ai12047
S
T
A
R
T
1010 X X X
Device Select
Code
R/W
NoACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com