Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 24 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics CR14 Datasheet HTML 23Page - STMicroelectronics CR14 Datasheet HTML 24Page - STMicroelectronics CR14 Datasheet HTML 25Page - STMicroelectronics CR14 Datasheet HTML 26Page - STMicroelectronics CR14 Datasheet HTML 27Page - STMicroelectronics CR14 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
5 Applying the I²C protocol to the CR14 registers
CR14
24/46
Figure 15. CR14-to-Host Transfer: I²C Current Address Read from I/O Frame Register
for ISO14443B
5.3
I²C Slot Marker Register Protocol
An I²C Write command to the Slot Marker Register generates an automated sixteen-command
loop (See Figure 16 for a description of the command).
All the answers from the ST short range memory devices that are detected, are written in the
Input/Output Frame Register.
Read from the I²C Slot Marker Register is not supported by the CR14. If the I²C Host tries to
read the Slot Marker Register, the CR14 will return the data value FFh in both Random Address
and Current Address Read modes until NoACK is generated by the I²C Host.
The result of the detection sequence is stored in the Input/Output Frame Register. This
Register can be read by the host by using I²C Random Address Read.
Figure 16. Host-to-CR14 Transfer: I²C Write to Slot Marker Register
S
T
A
R
T
10 1 0 XX X
N
S
T
O
P
ACK
ACK
Answer Frame
Data
Device
Select
Code
Bus Master
CR14 Write
Bus Slave
ai12043
R/W
Data 1
Data 2
Answer Frame
Data
Answer Frame
Data
Data N
Answer Frame
Data
Received
Frame Length
ACK
ACK
NoACK
ACK
03h
S
T
O
P
ACK
Slot Marker
Register
Address
Bus Master
CR14 Write
Bus Slave
ai12044
S
T
A
R
T
1010 X X X
Device Select
Code
R/W
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com