Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 18 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 14Page - STMicroelectronics CR14 Datasheet HTML 15Page - STMicroelectronics CR14 Datasheet HTML 16Page - STMicroelectronics CR14 Datasheet HTML 17Page - STMicroelectronics CR14 Datasheet HTML 18Page - STMicroelectronics CR14 Datasheet HTML 19Page - STMicroelectronics CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
4 CR14 I²C protocol description
CR14
18/46
Figure 6.
I²C Bus Protocol
4.5
I²C Memory Addressing
To start up communication with the CR14, the bus master must initiate a START condition.
Then, the bus master sends 8 bits (with the most significant bit first) on the Serial Data line,
SDA. These bits consist of the Device Select Code (7 bits) plus a RW bit.
According to the I²C bus definition, the seven most significant bits of the Device Select Code
are the Device Type Identifier. For the CR14, these bits are defined as shown in Table 6.
The 8th bit is the Read/Write bit (RW). It is set to ‘1’ for I²C Read, and to ‘0’ for I²C Write
operations.
If the data sent by the bus master matches the Device Select Code of a CR14 device, the
corresponding device returns an acknowledgment on the SDA bus during the 9th bit time.
The CR14 devices whose Device Select Codes do not correspond to the data sent, generate a
No-ACK. They deselect themselves from the bus and go into stand-by mode.
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
1
23
7
89
MSB
ACK
START
CONDITION
SCL
1
23
7
89
MSB
ACK
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com