Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 17 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 13Page - STMicroelectronics CR14 Datasheet HTML 14Page - STMicroelectronics CR14 Datasheet HTML 15Page - STMicroelectronics CR14 Datasheet HTML 16Page - STMicroelectronics CR14 Datasheet HTML 17Page - STMicroelectronics CR14 Datasheet HTML 18Page - STMicroelectronics CR14 Datasheet HTML 19Page - STMicroelectronics CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
CR14
4 CR14 I²C protocol description
17/46
4.1
I²C Start Condition
START is identified by a High-to-Low transition of the Serial Data line, SDA, while the Serial
Clock, SCL, is stable in the High state. A START condition must precede any data transfer
command.
The CR14 continuously monitors the SDA and SCL lines for a START condition (except during
Radio Frequency data exchanges), and will not respond unless one is sent.
4.2
I²C Stop Condition
STOP is identified by a Low-to-High transition of the Serial Data line, SDA, while the Serial
Clock, SCL, is stable in the High state.
A STOP condition terminates communications between the CR14 and the bus master.
A STOP condition at the end of an I²C Read command, after (and only after) a NoACK, forces
the CR14 into its stand-by state.
A STOP condition at the end of an I²C Write command triggers the Radio Frequency data
exchange between the CR14 and the PICC.
4.3
I²C Acknowledge Bit (ACK)
An acknowledge bit is used to indicate a successful data transfer on the I²C bus.
The bus transmitter, either master or slave, releases the Serial Data line, SDA, after sending 8
bits of data. During the 9th clock pulse the receiver pulls the SDA line Low to acknowledge the
receipt of the 8 data bits.
4.4
I²C Data Input
During data input, the CR14 samples the SDA bus signal on the rising edge of the Serial Clock,
SCL. For correct device operation, the SDA signal must be stable during the Low-to-High Serial
Clock transition, and the data must change only when the SCL line is Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com