Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 19 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 15Page - STMicroelectronics CR14 Datasheet HTML 16Page - STMicroelectronics CR14 Datasheet HTML 17Page - STMicroelectronics CR14 Datasheet HTML 18Page - STMicroelectronics CR14 Datasheet HTML 19Page - STMicroelectronics CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics CR14 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
CR14
4 CR14 I²C protocol description
19/46
4.6
CR14 I²C Write Operations
The bus master sends a START condition, followed by a Device Select Code and the R/W bit
set to ’0’. The CR14 that corresponds to the Device Select Code, acknowledges and waits for
the bus master to send the Byte address of the register that is to be written to. After receipt of
the address, the CR14 returns another ACK, and waits for the bus master to send the data
Bytes that are to be written.
In the CR14 I²C Write mode, the bus master may sends one or more data Bytes depending on
the selected register.
The CR14 replies with an ACK after each data Byte received. The bus master terminates the
transfer by generating a STOP condition.
The STOP condition at the end of a Write access to the Input/Output Frame Register causes
the Radio Frequency data exchange between the CR14 and the PICC to be started.
During the Radio Frequency data exchange, the CR14 disconnects itself from the I²C bus. The
time (tRFEX) needed to complete the exchange is not fixed as it depends on the PICC command
format. To know when the exchange is complete, the bus master uses an ACK polling
sequence as shown in Figure 8. It consists of the following:
●
Initial condition: a Radio Frequency data exchange is in progress.
●
Step 1: the master issues a START condition followed by the first Byte of the new
instruction (Device Select Code plus R/W bit).
●
Step 2: if the CR14 is busy, no ACK is returned and the master goes back to Step 1. If the
CR14 has completed the Radio Frequency data exchange, it responds with an ACK,
indicating that it is ready to receive the second part of the next instruction (the first Byte of
this instruction being sent during Step 1).
Figure 7.
CR14 I²C Write Mode Sequence
AI12062
DATA N
ACK
ACK
CR14 WRITE
DEV SEL
BYTE ADDR
DATA 1
DATA 2
DATA 3
ACK
ACK
ACK
ACK
R/W
BUS Master
BUS Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com