Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 36 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 32Page - STMicroelectronics CR14 Datasheet HTML 33Page - STMicroelectronics CR14 Datasheet HTML 34Page - STMicroelectronics CR14 Datasheet HTML 35Page - STMicroelectronics CR14 Datasheet HTML 36Page - STMicroelectronics CR14 Datasheet HTML 37Page - STMicroelectronics CR14 Datasheet HTML 38Page - STMicroelectronics CR14 Datasheet HTML 39Page - STMicroelectronics CR14 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
9 DC and AC parameters
CR14
36/46
9
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that follow
are derived from tests performed under the Measurement Conditions summarized in the
relevant tables. Designers should check that the operating conditions in their circuit match the
measurement conditions when relying on the quoted parameters.
Table 9.
I²C AC Measurement Conditions
Figure 33. I²C AC Testing I/O Waveform
Table 10.
I²C Input Parameters(1,2)
1.
Sampled only, not 100% tested.
2.
TA = 25 °C, f = 400kHz.
Parameter
Min.
Max.
Unit
V
CC Supply Voltage
4.5
5.5
V
Ambient Operating Temperature (T
A)
–20
85
°C
Input Rise and Fall Times
50
ns
Input Pulse Voltages
0.2VCC
0.8VCC
V
Input and Output Timing Reference Voltages
0.3VCC
0.7VCC
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
C
IN
Input Capacitance (SDA)
8
pF
C
IN
Input Capacitance (SCL, E0, E1, E2))
6
pF
t
NS
Low Pass Filter Input Time Constant (SCL & SDA
Inputs)
100
400
ns
AI09235
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com