Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC083000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC083000 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC083000 Datasheet HTML 1Page - National Semiconductor (TI) ADC083000 Datasheet HTML 2Page - National Semiconductor (TI) ADC083000 Datasheet HTML 3Page - National Semiconductor (TI) ADC083000 Datasheet HTML 4Page - National Semiconductor (TI) ADC083000 Datasheet HTML 5Page - National Semiconductor (TI) ADC083000 Datasheet HTML 6Page - National Semiconductor (TI) ADC083000 Datasheet HTML 7Page - National Semiconductor (TI) ADC083000 Datasheet HTML 8Page - National Semiconductor (TI) ADC083000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Pin Descriptions and Equivalent Circuits
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
3
OutV / SCLK
Output Voltage Amplitude and Serial Interface Clock. Tie this
pin high for normal differential DCLK and data amplitude.
Ground this pin for a reduced differential output amplitude and
reduced power consumption. See Section 1.1.6. When the
extended control mode is enabled, this pin functions as the
SCLK input which clocks in the serial data.See Section 1.2 for
details on the extended control mode. See Section 1.3 for
description of the serial interface.
4
OutEdge / DDR
/ SDATA
DCLK Edge Select, Double Data Rate Enable and Serial Data
Input. This input sets the output edge of DCLK+ at which the
output data transitions. (See Section 1.1.5.2). When this pin is
floating or connected to 1/2 the supply voltage, DDR clocking
is enabled. When the extended control mode is enabled, this
pin functions as the SDATA input. See Section 1.2 for details
on the extended control mode. See Section 1.3 for description
of the serial interface.
15
DCLK_RST
DCLK Reset. A positive pulse on this pin is used to reset and
synchronize the DCLK outs of multiple converters. See
Section 1.5 for detailed description.
26
PD
Power Down. A logic high on the PD pin puts the entire
device into the Power Down Mode.
30
CAL
Calibration Cycle Initiate. A minimum 80 input clock cycles
logic low followed by a minimum of 80 input clock cycles high
on this pin initiates the self calibration sequence. See Section
2.4.2 for an overview of self-calibration and Section 2.4.2.2 for
a description of on-command calibration.
14
FSR/ECE
Full Scale Range Select and Extended Control Enable. In
non-extended control mode, a logic low on this pin sets the
full-scale differential input range to 650 mV
P-P. A logic high on
this pin sets the full-scale differential input range to 870
mV
P-P. See Section 1.1.4. To enable the extended control
mode, whereby the serial interface and control registers are
employed, allow this pin to float or connect it to a voltage
equal to V
A/2. See Section 1.2 for information on the
extended control mode.
127
CalDly / SCS
Calibration Delay and Serial Interface Chip Select. With a
logic high or low on pin 14, this pin functions as Calibration
Delay and sets the number of input clock cycles after power
up before calibration begins (See Section 1.1.1). With pin 14
floating, this pin acts as the enable pin for the serial interface
input and the CalDly value becomes "0" (short delay with no
provision for a long power-up calibration delay).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com