Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC083000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC083000 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC083000 Datasheet HTML 2Page - National Semiconductor (TI) ADC083000 Datasheet HTML 3Page - National Semiconductor (TI) ADC083000 Datasheet HTML 4Page - National Semiconductor (TI) ADC083000 Datasheet HTML 5Page - National Semiconductor (TI) ADC083000 Datasheet HTML 6Page - National Semiconductor (TI) ADC083000 Datasheet HTML 7Page - National Semiconductor (TI) ADC083000 Datasheet HTML 8Page - National Semiconductor (TI) ADC083000 Datasheet HTML 9Page - National Semiconductor (TI) ADC083000 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
36/37
38/39
43/44
45/46
47/48
49/50
54/55
56/57
58/59
60/61
65/66
67/68
69/70
71/72
75/76
77/78
Da0+ / Da0-
Da1+ / Da1-
Da2+ / Da2−
Da3+ / Da3-
Da4+ / Da4−
Da5+ / Da5-
Da6+ / Da6−
Da7+ / Da7-
Dc0+ / Dc0-
Dc1+ / Dc1-
Dc2+ / Dc2−
Dc3+ / Dc3-
Dc4+ / Dc4−
Dc5+ / Dc5-
Dc6+ / Dc6−
Dc7+ / Dc7-
A and C LVDS Data Outputs from the first internal converter.
The data should be extracted in the order ABCD These
outputs should always be terminated with a 100
Ω differential
resistor.
83/84
85/86
89/90
91/92
93/94
95/96
100 / 101
102 / 103
104 / 105
106 / 107
111 / 112
113 / 114
115 / 116
117 / 118
122 / 123
124 / 125
Dd7− / Dd7+
Dd6- / Dd6+
Dd5− / Dd5+
Dd4- / Dd4+
Dd3- / Dd3+
Dd2- / Dd2+
Dd1− / Dd1+
Dd0- / Dd0+
Db7- / Db7+
Db6- / Db6+
Db5− / Db5+
Db4- / Db4+
Db3− / Db3+
Db2- / Db2+
Db1− / Db1+
Db0- / Db0+
B and D LVDS Data Outputs from the second internal
converter. The data should be extracted in the order ABCD
These outputs should always be terminated with a 100
Ω
differential resistor.
79
80
OR+
OR-
Out Of Range output. A differential high at these pins
indicates that the differential input is out of range (outside the
range ±325 mV or ±435 mV as defined by the FSR
pin).These outputs should always be terminated with a 100
Ω
differential resistor.
82
81
DCLK+
DCLK-
Differential Clock outputs used to latch the output data.
Delayed and non-delayed data outputs are supplied
synchronous to this signal. This signal is at 1/2 the input clock
rate in SDR mode and at 1/4 the input clock rate in the DDR
mode. These outputs should always be terminated with a
100
Ω differential resistor. The DCLK outputs are not active
during the calibration cycle depending on the setting of bit 14
of the RTRIM Disable register (address 9h). DCLK is
continuously present during the calibration cycle when bit 14
is set high and is not active during the calibration cycle when
set low. When the device is in the 1:1 Output Mode, the
signal is at the input clock rate.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com