Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC083000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC083000 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC083000 Datasheet HTML 6Page - National Semiconductor (TI) ADC083000 Datasheet HTML 7Page - National Semiconductor (TI) ADC083000 Datasheet HTML 8Page - National Semiconductor (TI) ADC083000 Datasheet HTML 9Page - National Semiconductor (TI) ADC083000 Datasheet HTML 10Page - National Semiconductor (TI) ADC083000 Datasheet HTML 11Page - National Semiconductor (TI) ADC083000 Datasheet HTML 12Page - National Semiconductor (TI) ADC083000 Datasheet HTML 13Page - National Semiconductor (TI) ADC083000 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Converter Electrical Characteristics (Continued)
NOTE: This product is currently in development and the parameters specified in this section are DESIGN TARGETS.
The specifications in this section cannot be guaranteed until device characterization has taken place. The following
specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential 870mVP-P,CL
= 10 pF, Differential, a.c. coupled Sinewave Input Clock, f
CLK = 1.5GHz at 0.5VP-P with 50% duty cycle, VBG = Floating, Non-
Extended Control Mode, SDR Mode, R
EXT = 3300
Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential. Boldface
limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
ANALOG OUTPUT CHARACTERISTICS
C
LOAD
V
CMO
Maximum V
CMO load
Capacitance
80
pF
V
BG
Bandgap Reference Output
Voltage
I
BG = ±100 µA
1.26
1.20
1.33
V (min)
V (max)
TC V
BG
Bandgap Reference Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C,
I
BG = ±100 µA
28
ppm/˚C
C
LOAD
V
BG
Maximum Bandgap Reference
load Capacitance
80
pF
TEMPERATURE DIODE CHARACTERISTICS
∆V
BE
Temperature Diode Voltage
192 µA vs. 12 µA,
T
J = 25˚C
71.23
mV
192 µA vs. 12 µA,
T
J = 85˚C
85.54
mV
CLOCK INPUT CHARACTERISTICS
V
ID
Differential Clock Input Level
Sine Wave Clock
0.6
0.4
2.0
V
P-P (min)
V
P-P (max)
Square Wave Clock
0.6
0.4
2.0
V
P-P (min)
V
P-P (max)
I
I
Input Current
V
IN =0orVIN =VA
±1µA
C
IN
Input Capacitance (Notes 10,
11)
Differential
0.02
pF
Each input to ground
1.5
pF
DIGITAL CONTROL PIN CHARACTERISTICS
V
IH
Logic High Input Voltage
(Note 12)
0.85 x V
A
V (min)
V
IL
Logic Low Input Voltage
(Note 12)
0.15 x V
A
V (max)
C
IN
Input Capacitance (Notes 11,
13)
Each input to ground
1.2
pF
DIGITAL OUTPUT CHARACTERISTICS
V
OD
LVDS Differential Output
Voltage
Measured differentially, OutV = V
A,
V
BG = Floating (Note 15)
710
400
mV
P-P (min)
920
mV
P-P (max)
Measured differentially, OutV =
GND, V
BG = Floating (Note 15)
510
280
mV
P-P (min)
720
mV
P-P (max)
∆ V
O DIFF
Change in LVDS Output Swing
Between Logic Levels
±1mV
V
OS
Output Offset Voltage, see
Figure 1
V
BG = Floating
800
mV
V
OS
Output Offset Voltage, see
Figure 1
V
BG =VA (Note 15)
1200
mV
∆ V
OS
Output Offset Voltage Change
Between Logic Levels
±1mV
I
OS
Output Short Circuit Current
Output+ & Output- connected to
0.8V
±4mA
Z
O
Differential Output Impedance
100
Ohms
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com