Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC083000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC083000 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC083000 Datasheet HTML 1Page - National Semiconductor (TI) ADC083000 Datasheet HTML 2Page - National Semiconductor (TI) ADC083000 Datasheet HTML 3Page - National Semiconductor (TI) ADC083000 Datasheet HTML 4Page - National Semiconductor (TI) ADC083000 Datasheet HTML 5Page - National Semiconductor (TI) ADC083000 Datasheet HTML 6Page - National Semiconductor (TI) ADC083000 Datasheet HTML 7Page - National Semiconductor (TI) ADC083000 Datasheet HTML 8Page - National Semiconductor (TI) ADC083000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC083000
High Performance, Low Power, 8-Bit, 3 GSPS A/D
Converter
General Description
Note: This product is currently in development. - ALL
specifications are design targets and are subject to
change.
The ADC083000 is a single, low power, high performance
CMOS analog-to-digital converter that digitizes signals to 8
bits resolution at sampling rates up to 3.4 GSPS. Consuming
a typical 1.8 Watts at 3 GSPS from a single 1.9 Volt supply,
this device is guaranteed to have no missing codes over the
full operating temperature range. The unique folding and
interpolating architecture, the fully differential comparator
design, the innovative design of the internal sample-and-
hold amplifier and the self-calibration scheme enable a very
flat response of all dynamic parameters up to Nyquist, pro-
ducing a high 7.0 ENOB with a 748 MHz input signal and a
3 GHz sample rate while providing a 10
-18 B.E.R. The
ADC083000 achieves a 3GSPS sampling rate by utilizing
both the rising and falling edge of a 1.5 GSPS input clock.
Output formatting is offset binary and the LVDS digital out-
puts are compliant with IEEE 1596.3-1996, with the excep-
tion of an adjustable common mode voltage between 0.8V
and 1.2V.
The ADC has a 1:4 demultiplexer that feeds four LVDS
buses and reduces the output data rate on each bus to a
quarter of the sampling rate. The ADC can be programmed
into the 1:2 Output Mode where the data is output on the Dc
and Dd channels at the rate of the input clock.
The converter typically consumes less than 20 mW in the
Power Down Mode and is available in a 128-lead, thermally
enhanced exposed pad LQFP and operates over the Indus-
trial (-40˚C
≤ T
A
≤ +85˚C) temperature range.
Features
n
Internal Sample-and-Hold
n
Single +1.9V ±0.1V Operation
n
Choice of SDR or DDR output clocking
n
1:2 or 1:4 Selectable Output Demux
n
Clock Phase Adjust for Multiple ADC Synchronization
n
Guaranteed No Missing Codes
n
Serial Interface for Extended Control
n
Fine Adjustment of Input Full-Scale Range and Offset
n
Duty Cycle Corrected Sample Clock
n
Test pattern
Key Specifications
n
Resolution
8 Bits
n
Max Conversion Rate
3 GSPS (min)
n
Bit Error Rate
10
-18 (typ)
n
ENOB @ 748 MHz Input
7.0 Bits (typ)
n
SNR @ 748MHz
44 dB (typ)
n
Full Power Bandwidth
3 GHz (typ)
n
Power Consumption
— Operating
1.8 W (typ)
— Power Down Mode
20 mW (typ)
Applications
n
Direct RF Down Conversion
n
Digital Oscilloscopes
n
Satellite Set-top boxes
n
Communications Systems
n
Test Instrumentation
ADVANCE INFORMATION
June 2006
© 2006 National Semiconductor Corporation
DS201932
www.national.com


Similar Part No. - ADC083000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC083000 TI-ADC083000 Datasheet
885Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 TI-ADC083000 Datasheet
960Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - ADC083000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com