Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC083000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC083000 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC083000 Datasheet HTML 7Page - National Semiconductor (TI) ADC083000 Datasheet HTML 8Page - National Semiconductor (TI) ADC083000 Datasheet HTML 9Page - National Semiconductor (TI) ADC083000 Datasheet HTML 10Page - National Semiconductor (TI) ADC083000 Datasheet HTML 11Page - National Semiconductor (TI) ADC083000 Datasheet HTML 12Page - National Semiconductor (TI) ADC083000 Datasheet HTML 13Page - National Semiconductor (TI) ADC083000 Datasheet HTML 14Page - National Semiconductor (TI) ADC083000 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Converter Electrical Characteristics (Continued)
NOTE: This product is currently in development and the parameters specified in this section are DESIGN TARGETS.
The specifications in this section cannot be guaranteed until device characterization has taken place. The following
specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential 870mVP-P,CL
= 10 pF, Differential, a.c. coupled Sinewave Input Clock, f
CLK = 1.5GHz at 0.5VP-P with 50% duty cycle, VBG = Floating, Non-
Extended Control Mode, SDR Mode, R
EXT = 3300
Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential. Boldface
limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD = Low
PD = High
745
10.2
TBD
TBD
mA (max)
mA (max)
I
DR
Output Driver Supply Current
PD = Low
PD = High
200
0.012
TBD
TBD
mA (max)
mA (max)
P
D
Power Consumption
PD = Low
PD = High
1.8
20
TBD
TBD
W (max)
mW (max)
PSRR1
D.C. Power Supply Rejection
Ratio
Change in Full Scale Error with
change in V
A from 1.8V to 2.0V
30
dB
PSRR2
A.C. Power Supply Rejection
Ratio
248 MHz, 50mV
P-P riding on VA
51
dB
AC ELECTRICAL CHARACTERISTICS
f
CLK1
Maximum Input Clock
Frequency
Sampling rate is 2x clock input
1.7
1.5
GHz (min)
f
CLK2
Minimum Input Clock
Frequency
Sampling rate is 2x clock input
500
MHz
Input Clock Duty Cycle
500MHz
≤ Input clock frequency ≤
1.5 GHz (Note 12)
50
20
80
% (min)
% (max)
t
CL
Input Clock Low Time
(Note 11)
333
133
ps (min)
t
CH
Input Clock High Time
(Note 11)
333
133
ps (min)
DCLK Duty Cycle
(Note 11)
50
45
55
% (min)
% (max)
t
RS
Reset Setup Time
(Note 11)
150
ps
t
RH
Reset Hold Time
(Note 11)
250
ps
t
SD
Syncronizing Edge to DCLK
Output Delay
f
CLKIN = 1.5 GHz
f
CLKIN = 500 MHz
TBD
TBD
ns
t
RPW
Reset Pulse Width
(Note 11)
4
Clock Cycles
(min)
t
LHT
Differential Low to High
Transition Time
10% to 90%, C
L = 2.5 pF
250
ps
t
HLT
Differential High to Low
Transition Time
10% to 90%, C
L = 2.5 pF
250
ps
t
OSK
DCLK to Data Output Skew
50% of DCLK transition to 50% of
Data transition, SDR Mode
and DDR Mode, 0˚ DCLK (Note 11)
±50
ps (max)
t
SU
Data to DCLK Set-Up Time
DDR Mode, 90˚ DCLK (Note 11)
667
ps
t
H
DCLK to Data Hold Time
DDR Mode, 90˚ DCLK (Note 11)
667
ps
t
AD
Sampling (Aperture) Delay
Input CLK+ Fall to Acquisition of
Data
1.3
ns
t
AJ
Aperture Jitter
0.4
ps rms
t
OD
Input Clock to Data Output
Delay (in addition to Pipeline
Delay)
50% of Input Clock transition to 50%
of Data transition
3.1
ns
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com