Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 30Page - Analog Devices LTM4652 Datasheet HTML 31Page - Analog Devices LTM4652 Datasheet HTML 32Page - Analog Devices LTM4652 Datasheet HTML 33Page - Analog Devices LTM4652 Datasheet HTML 34Page - Analog Devices LTM4652 Datasheet HTML 35Page - Analog Devices LTM4652 Datasheet HTML 36Page - Analog Devices LTM4652 Datasheet HTML 37Page - Analog Devices LTM4652 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTM4652
34
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 34. LTM4652 4-Phase, 1.2V at 100A
4652 F34
LTM4652
VIN
VINOVP
RUN1
RUN
RUN2
TRACK1
TRACK
RUN
TRACK2
fSET
R5
60.4k
R2
5k
COUT1
220µF
4V
×8
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
COMP
VOUTS2
VOUT2
SW2
PGOOD2
PGOOD
MODE_PLLIN CLKOUT
CLK1
CLK1
INTVCC EXTVCC PGOOD1
PGOOD
SGND
GND
DIFFP
DIFFN
DIFFOUT
R4
75k
R6
845k
C2
22µF
25V
×4
C10
4.7µF
LTM4652
VIN
VINOVP
RUN1
RUN2
TRACK1
TRACK2
fSET
COUT1
220µF
4V
×8
VIN
4.5V TO 18V
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
VFB
COMP
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
PGOOD
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD
SGND
GND
DIFFP
DIFFN
DIFFOUT
R10
75k
R9
845k
C19
0.22µF
C15
22µF
25V
×4
C16
4.7µF
INTVCC
TRACK
VFB
68pF
INTVCC
VOUT
1.2V
±100A
CTH
6800pF
RTH
3.32k
CTH
6800pF
RTH
3.32k
PINS NOT USED IN
THIS CIRCUIT:
TEMP+, TEMP–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com