Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 7Page - Analog Devices LTM4652 Datasheet HTML 8Page - Analog Devices LTM4652 Datasheet HTML 9Page - Analog Devices LTM4652 Datasheet HTML 10Page - Analog Devices LTM4652 Datasheet HTML 11Page - Analog Devices LTM4652 Datasheet HTML 12Page - Analog Devices LTM4652 Datasheet HTML 13Page - Analog Devices LTM4652 Datasheet HTML 14Page - Analog Devices LTM4652 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LTM4652
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
allowing the output voltage to rise high enough (~10%
above nominal regulation) to induce an output overvolt-
age response. Transient and sustained operation in this
manner is strongly not recommended.
Thus, in applications where transient and/or sustained
negative (sinking) output current is expected, the
LTM4652 must be operated in forced continuous mode.
RUN1, RUN2 (Pins F5, F9): Run Control Pin. A voltage
above 1.22V will turn on each channel in the module. A
voltage below 1.085V (135mV hysteresis, typ.) on the
RUN pin will turn off the related channel. Each RUN pin
has a 1µA pull-up current, once the RUN pin reaches
1.22V an additional 4.5µA pull-up current is added to
this pin.
DIFFOUT (Pin F8): Internal Remote Sense Amplifier
Output. Connect this pin to VOUTS1 or VOUTS2 depend-
ing on which output is using remote sense. In parallel
operation connect one of the VOUTS pin to DIFFOUT for
remote sensing.
SW1, SW2 (Pins G2, G11): Switching node of each chan-
nel that is used for testing purposes. Also an R-C snubber
network can be applied to reduce or eliminate switch node
ringing, or otherwise leave floating. See the Applications
Information section.
PHASMD (Pin G4): Connect this pin to SGND, INTVCC,
or floating this pin to select the phase of CLKOUT to 60
degrees, 120 degrees, and 90 degrees respectively.
CLKOUT (Pin G5): Clock output with phase control using
the PHASMD pin to enable multiphase operation between
devices. See the Applications Information section.
PGOOD1, PGOOD2 (Pins G9, G8): Output Voltage Power
Good Indicator. Open drain logic output that is pulled to
ground when the output voltage is not within ±10% of
the regulation point.
VINOVP (Pin H5): VIN Overvoltage Protection (OVP)
Comparator Input. Internally, this pin connects to SGND
through a 60.4k resistor. If desired, apply resistor RVINOVP
from VIN to VINOVP to set VIN(OVP), the VIN overvoltage
inception threshold. VIN(OVP) is given by Equation 1.
60.4k
VIN(OVP) = 1.22V • 1 +
RVINOVP
(1)
See Figure 1 and the Applications Information section.
When VINOVP is detected (VVINOVP > 1.22V), all power
MOSFETs in both channels are turned off and remain off
until the module is restarted. The module can be restarted
by either cycling the RUN pins below their RUN thresholds
or cycling the TRACK pins to SGND. Leave VINOVP open
circuit or connect to SGND when this feature is not used.
TEMP– (Pin H6): Temperature Monitor, Negative Terminal.
See TEMP+.
INTVCC (Pin H8): Internal 5V Regulator Output. The con-
trol circuits and internal gate drivers are powered from
this voltage. Decouple this pin to PGND with a 4.7µF low
ESR tantalum or ceramic. INTVCC is activated when either
RUN1 or RUN2 is activated.
TEMP+ (Pin J6): Temperature Monitor, Positive Terminal.
An internal diode-configured PNP transistor connected
between TEMP+ and TEMP– pins. See the Applications
Information section.
EXTVCC (Pin J7): External power input that is enabled
through a switch to INTVCC whenever EXTVCC is greater
than 4.7V. Do not exceed 6V on this input, and connect
this pin to VIN when operating VIN on 5V. An efficiency
increase will occur, corresponding to a power loss reduc-
tion of (VIN – INTVCC) multiplied by power MOSFET driver
current. Typical current requirement is 30mA. VIN must
be applied before EXTVCC, and EXTVCC must be removed
before VIN.
VIN (Pins M2–M11, L2–L11, J2–J4, J9–J11, K2–K4,
K9–K11): Power Input Pins. Apply input voltage between
these pins and GND pins. Recommend placing input
decoupling capacitance directly between VIN pins and
GND pins.
Heat Sink (Top Exposed Metal): The top exposed metal
is electrically unconnected.
(Recommended to use test points to monitor signal pin connections.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com