Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 13Page - Analog Devices LTM4652 Datasheet HTML 14Page - Analog Devices LTM4652 Datasheet HTML 15Page - Analog Devices LTM4652 Datasheet HTML 16Page - Analog Devices LTM4652 Datasheet HTML 17Page - Analog Devices LTM4652 Datasheet HTML 18Page - Analog Devices LTM4652 Datasheet HTML 19Page - Analog Devices LTM4652 Datasheet HTML 20Page - Analog Devices LTM4652 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LTM4652
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Examples of 2-Phase, 4-Phase, and 6-Phase Operation with PHASMD Table
4652 F05
VOUT2
180-PHASE
0-PHASE
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
2-PHASE DESIGN
4-PHASE DESIGN
6-PHASE DESIGN
90-DEGREE
FLOAT
VOUT2
180-PHASE
0-PHASE
FLOAT
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
VOUT2
270-PHASE
90-PHASE
FLOAT
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
60-DEGREE
60-DEGREE
VOUT2
180-PHASE
0-PHASE
SGND
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
VOUT2
240-PHASE
60-PHASE
SGND
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
VOUT2
300-PHASE
120-PHASE
FLOAT
MODE_PLLIN
VOUT1
PHASMD
CLKOUT
PHASMD SGND
CONTROLLER1
CONTROLLER2
CLKOUT
FLOAT
INTVCC
0
0
0
180
180
240
60
90
120
onto incoming clock phase as well. The CLKOUT signal
can be connected to the MODE_PLLIN pin of the following
stage to line up both the frequency and the phase of the
entire system. Tying the PHASMD pin to INTVCC, SGND, or
(floating) generates a phase difference (between
MODE_PLLIN and CLKOUT) of 120 degrees, 60 degrees,
or 90 degrees respectively. A total of 12 phases can be
cascaded to run simultaneously with respect to each other
by programming the PHASMD pin of each LTM4652 chan-
nel to different levels. Figure 5 shows a 2-phase design,
4-phase design and a 6-phase design example for clock
phasing with the PHASMD table.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output
capacitors. The RMS input ripple current is reduced by,
and the effective ripple frequency is multiplied by, the
number of phases used (assuming that the input voltage is
greater than the number of phases used times the output
voltage). The output ripple amplitude is also reduced by
the number of phases used when all of the outputs are tied
together to achieve a single high output current design.
In multi LTM4652s parallel applications, CTH and RTH val-
ues in Table 6 are still valid to achieve transient response in
a 25% load step. Connect one set of RC (RTH and CTH) net-
work to the COMP pin of each paralleling module like a dual
phase single output setup. Then connect the COMP pins,
FB pins, TRACK pins and VOUT pins from different mod-
ules together. See Figure 32, Figure 34 and Figure 35 for
examples of parallel operation. LTpowerCAD Power Design
Tool can also be used to optimize loop compensation and
transient performance if only one set of RC (RTH and CTH)
network is to be added to the common COMP pins.
The LTM4652 device is an inherently current mode con-
trolled device, so parallel modules will have very good cur-
rent sharing. This will balance the thermals on the design.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reduction as a function of the number of interleaved
phases. Figure 6 shows this graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com