Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 18Page - Analog Devices LTM4652 Datasheet HTML 19Page - Analog Devices LTM4652 Datasheet HTML 20Page - Analog Devices LTM4652 Datasheet HTML 21Page - Analog Devices LTM4652 Datasheet HTML 22Page - Analog Devices LTM4652 Datasheet HTML 23Page - Analog Devices LTM4652 Datasheet HTML 24Page - Analog Devices LTM4652 Datasheet HTML 25Page - Analog Devices LTM4652 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTM4652
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combination
is used called a snubber circuit. The resistor will dampen
the resonance and the capacitor is chosen to only affect
the high frequency ringing across the resistor. If the stray
inductance or capacitance can be measured or approxi-
mated then a somewhat analytical technique can be used
to select the snubber values. The inductance is usually
easier to predict. It combines the power path board induc-
tance in combination with the MOSFET interconnect bond
wire inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance Z
can be calculated using Equation 11.
Z(L) = 2πfL,
(11)
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by: Z(C) = 1/(2πfC). These values are a good
place to start with. Modification to these components
should be made to attenuate the ringing with the least
amount of power loss.
Temperature Monitoring
A diode connected PNP transistor is used for the TEMP+/
TEMP– monitor function by monitoring its voltage over
temperature. The temperature dependence of this diode
voltage can be understood in Equation 12.
VD =nVT ln
ID
IS
⎛
⎝⎜
⎞
⎠⎟
(12)
where VT is the thermal voltage (kT/q), and n, the ideality
factor, is 1 for the diode connected PNP transistor being
used in the LTM4652. IS is expressed by the typical empir-
ical Equation 13.
IS =I0 exp
–VG0
VT
⎛
⎝⎜
⎞
⎠⎟
(13)
where I0 is a process and geometry dependent current, (I0
is typically around 20k orders of magnitude larger than IS
at room temperature) and VG0 is the band gap voltage of
1.2V extrapolated to absolute zero or –273°C.
If we take the IS Equation 13 and substitute into the
Equation 14, then we get:
VD = VG0 –
kT
q
⎛
⎝⎜
⎞
⎠⎟
ln
I0
ID
⎛
⎝⎜
⎞
⎠⎟
, VT =
kT
q
(14)
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4652 F11
125
ID = 100µA
Figure 11. Diode Voltage VD vs Temperature T(K)
for Different Bias Currents
The expression shows that the diode voltage decreases
(linearly if I0 were constant) with increasing temperature
and constant diode current. Figure 11 shows a plot of VD
vs Temperature over the operating temperature range of
the LTM4652.
If we take Equation 14 and differentiate it with respect to
temperature T, then Equation 15 gives:
dVD
dT
= –
VG0 – VD
T
(15)
This dVD/dT term is the temperature coefficient equal to
about –2mV/K or –2mV/°C. Equation 15 is simplified for
the first order derivation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com