Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 24Page - Analog Devices LTM4652 Datasheet HTML 25Page - Analog Devices LTM4652 Datasheet HTML 26Page - Analog Devices LTM4652 Datasheet HTML 27Page - Analog Devices LTM4652 Datasheet HTML 28Page - Analog Devices LTM4652 Datasheet HTML 29Page - Analog Devices LTM4652 Datasheet HTML 30Page - Analog Devices LTM4652 Datasheet HTML 31Page - Analog Devices LTM4652 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LTM4652
28
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The derived thermal resistances in Table 2 to Table 4 for
the various conditions can be multiplied by the calcu-
lated power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss can
be derived from the efficiency curves and adjusted with
the above ambient temperature multiplicative factors. The
printed circuit board is a 1.6mm thick four layer board
with two ounce copper for all four layers. The PCB dimen-
sions are 101mm × 114mm. The BGA heat sinks are listed
in Table 5.
Layout Checklist/Example
The high integration of LTM4652 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND, VOUT1 and VOUT2. It helps to min-
imize the PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capac-
itors next to the VIN, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to GND underneath the unit.
• For parallel modules, tie the VOUT, VFB, and COMP pins
together. Use an internal layer to closely connect these
pins together. The TRACK pin can be tied a common
capacitor for regulator soft-start.
• Bring out test points on the signal pins for monitoring.
Figure 30givesagoodexampleoftherecommended layout.
Figure 30. Recommended PCB Layout
A
1
2
VOUT1
VOUT2
GND
SGND
CNTRL
4652 F30
GND
GND
VIN
3
4
5
6
7
8
9
10
11 12
B
C
D
E
K
L
M
F
G
H
J
COUT1
COUT2
CIN1
CIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com