Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 20Page - Analog Devices LTM4652 Datasheet HTML 21Page - Analog Devices LTM4652 Datasheet HTML 22Page - Analog Devices LTM4652 Datasheet HTML 23Page - Analog Devices LTM4652 Datasheet HTML 24Page - Analog Devices LTM4652 Datasheet HTML 25Page - Analog Devices LTM4652 Datasheet HTML 26Page - Analog Devices LTM4652 Datasheet HTML 27Page - Analog Devices LTM4652 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTM4652
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
As a practical matter, it should be clear to the reader
that no individual or sub-group of the four thermal resis-
tance parameters defined by JESD51-12 or provided in
the Pin Configuration section replicates or conveys nor-
mal operating conditions of a µModule. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bottom
of the µModule—as the standard defines for θJCtop and
θJCbot, respectively. In practice, power loss is thermally
dissipated in both directions away from the package—
granted, in the absence of a heat sink and airflow, a major-
ity of the heat flow is into the board.
Within a SIP (system-in-package) module, be aware there
are multiple power devices and components dissipating
power, with a consequence that the thermal resistances
relative to different junctions of components or die are not
exactly linear with respect to total package power loss. To
reconcile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled-environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the µModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JESD51-9 to predict power loss heat flow and temperature
readings at different interfaces that enable the calculation
of the JEDEC-defined thermal resistance values; (3) the
model and FEA software is used to evaluate the µMod-
ule with heat sink and airflow; (4) having solved for and
analyzed these thermal resistance values and simulated
various operating conditions in the software model, a
thorough laboratory evaluation replicates the simulated
conditions with thermocouples within a controlled-envi-
ronment chamber while operating the device at the same
power loss as that which was simulated. The outcome
of this process and due diligence yields the set of derat-
ing curves provided in later sections of this data sheet,
along with well-correlated JESD51-12-defined θ values
provided in the Pin Configuration section of this data
sheet. Each system has its own thermal characteristics,
therefore thermal analysis must be performed by the user
in a particular system.
The LTM4652 module has been designed to effectively
remove heat from both the top and bottom of the pack-
age. The bottom substrate material has very low thermal
resistance to the printed circuit board. An external heat
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figure 13 shows the thermal image of the LTM4652,
without airflow, without heat sink, running paralleled
from 12V to 1V at 50A with around 85.3% efficiency and
8.6W power loss. Figure 14 shows the thermal image of
the LTM4652, with 200LFM airflow, without heat sink,
running paralleled from 12V to 3.3V at 50A with around
92.2% efficiency and 14W power loss.
Figure 12. Graphical Representation of JESD51-12 Thermal Coefficients
4652 F12
µModule DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com