Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 3 Page - Analog Devices

  LTM4652 Datasheet HTML 1Page - Analog Devices LTM4652 Datasheet HTML 2Page - Analog Devices LTM4652 Datasheet HTML 3Page - Analog Devices LTM4652 Datasheet HTML 4Page - Analog Devices LTM4652 Datasheet HTML 5Page - Analog Devices LTM4652 Datasheet HTML 6Page - Analog Devices LTM4652 Datasheet HTML 7Page - Analog Devices LTM4652 Datasheet HTML 8Page - Analog Devices LTM4652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTM4652
3
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.5
18
V
VOUT
Output Voltage
l
0.6
7.5
V
VOUT1(DC), VOUT2(DC)
Output Voltage, Total DC Variation
with Line and Load (Note 7)
CIN = 22µF ×3, COUT = 100µF ×1 Ceramic,
470µF POSCAP, VIN = 4.5V to 18V,
VOUT = 1.2V, IOUT = 0A to ±25A
l
1.182
1.2
1.218
V
Input Specifications
VRUN1, VRUN2
RUN Pin Off Threshold
RUN Rising
1.1
1.22
1.4
V
VRUN1HYS, VRUN2HYS
RUN Pin On Hysteresis
135
mV
VVINOVP
VINOVP Pin OVP Inception Threshold VINOVP Rising
1.1
1.22
1.4
V
VOVP_HYS
VINOVP Pin OVP Inception Hysteresis
10
mV
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 22µF ×3, CSS = 0.01µF,
COUT = 100µF ×3, VOUT1 = 1.2V, VOUT2 = 1.2V,
VIN = 12V
1
A
IQ(VIN)
Input Supply Bias Current (Both
Channels On)
VIN = 12V, VOUT = 1.2V, Pulse-Skipping Mode
VIN = 12V, VOUT= 1.2V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
22
135
35
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 4.5V, VOUT = 1.2V, IOUT = 25A
VIN = 12V, VOUT = 1.2V, IOUT = 25A
VIN = 4.5V, VOUT = 1.2V, IOUT = –25A
VIN = 12V, VOUT = 1.2V, IOUT = –25A
8.0
3.0
–5.2
–1.9
A
A
A
A
Output Specifications
IOUT1(DC), IOUT2(DC)
Output Continuous Current Range
VIN = 12V, VOUT = 1.2V (Note 6)
–25
25
A
ΔVOUT1(LINE)/VOUT1
ΔVOUT2(LINE)/VOUT2
Line Regulation Accuracy
For Each Output, VOUT = 1.2V, IOUT = 0A,
VIN from 4.5V to 18V
l
0.02
0.1
%/V
ΔVOUT1/VOUT1
ΔVOUT2/VOUT2
Load Regulation Accuracy
For Each Output, VIN = 12V, VOUT = 1.2V,
IOUT from 0A to ±25A
l
0.2
0.75
%
VOUT1(AC), VOUT2(AC)
Output Ripple Voltage
For Each Output, VIN = 12V, VOUT = 1.2V,
Frequency = 450kHz, IOUT = 0A, COUT =
100µF ×3 Ceramic, 470µF POSCAP
15
mVP-P
fSW (Each Channel)
Output Ripple Voltage Frequency
VIN = 12V, VOUT = 1.2V, fSET = 1.2V (Note 4)
500
kHz
fSYNC (Each Channel)
Phase-Locked Loop Synchronization
Capture Range
(Note 4)
400
780
kHz
ΔVOUTSTART
(Each Channel)
Turn-On Overshoot
COUT = 100µF ×3 Ceramic, 470µF POSCAP,
VIN = 12V , VOUT = 1.2V, IOUT = 0A
10
mV
tSTART
(Each Channel)
Turn-On Time
COUT = 100µF ×4 Ceramic,
VIN = 12V, No Load, TRACK with 0.01µF to GND
5
ms
ΔVOUT(LS)
(Each Channel)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF ×3 Ceramic, 470µF POSCAP,
VIN = 12V, VOUT = 1.2V (Note 8)
30
mV
tSETTLE
(Each Channel)
Settling Time for Dynamic Load Step
Load: 0% to 50% to 0% of Full Load,
VIN = 12V, COUT = 100µF ×3 Ceramic,
470µF POSCAP (Note 8)
20
µs
IOUT(PK) (Each Channel) Output Current Limit
VIN = 12V, VOUT = 1.2V
35
A
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel (Note 3). TA = 25°C (Note 2), VIN = 12V, VRUN1, VRUN2 at 5V
and IOUT1, IOUT2 at 0A unless otherwise noted. Per the typical application in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com