Electronic Components Datasheet Search
  English  ▼

X  

LTM4652 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4652
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4652 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4652 Datasheet HTML 5Page - Analog Devices LTM4652 Datasheet HTML 6Page - Analog Devices LTM4652 Datasheet HTML 7Page - Analog Devices LTM4652 Datasheet HTML 8Page - Analog Devices LTM4652 Datasheet HTML 9Page - Analog Devices LTM4652 Datasheet HTML 10Page - Analog Devices LTM4652 Datasheet HTML 11Page - Analog Devices LTM4652 Datasheet HTML 12Page - Analog Devices LTM4652 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTM4652
9
Rev. 0
For more information www.analog.com
Single Phase Short-Circuit
Protection with 25A Load
Single Phase Start-Up with
25A Load
Single Phase Short-Circuit
Protection with No Load
Single Phase Start-Up with
No Load
4652 G17
SW
10V/DIV
VOUT
0.5V/DIV
INPUT
CURRENT
0.2A/DIV
20ms/DIV
12VIN, 1.2VOUT, 400kHz
COUT = 470F ×2
SPCAP + 100µF ×4 CERAMIC CAP
CSS = 0.1µF
4652 G18
SW
10V/DIV
VOUT
0.5V/DIV
INPUT
CURRENT
2A/DIV
20ms/DIV
12VIN, 1.2VOUT, 400kHz
COUT = 470F ×2
SPCAP + 100µF ×4 CERAMIC CAP
CSS = 0.1µF
4652 G19
SW
10V/DIV
VOUT
0.5V/DIV
INPUT
CURRENT
5A/DIV
100s/DIV
12VIN, 1.2VOUT, 400kHz
COUT = 470F ×2
SPCAP + 100µF ×4 CERAMIC CAP
4652 G20
SW
10V/DIV
VOUT
0.5V/DIV
INPUT
CURRENT
2A/DIV
100s/DIV
12VIN, 1.2VOUT, 400kHz
COUT = 470F ×2
SPCAP + 100µF ×4 CERAMIC CAP
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com