Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 11 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 11 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 7Page - IDEC Corporation LSED-HR Datasheet HTML 8Page - IDEC Corporation LSED-HR Datasheet HTML 9Page - IDEC Corporation LSED-HR Datasheet HTML 10Page - IDEC Corporation LSED-HR Datasheet HTML 11Page - IDEC Corporation LSED-HR Datasheet HTML 12Page - IDEC Corporation LSED-HR Datasheet HTML 13Page - IDEC Corporation LSED-HR Datasheet HTML 14Page - IDEC Corporation LSED-HR Datasheet HTML 15Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
11
Nameplate (for ø16 Emergency Stop Switches)
Package quantity:
1
Description
Legend
Part No.
Material
Background Color
Legend Color
For ø30mm Button
Blank
HAAV-0
Polyamide
Yellow
Black
EMERGENCY STOP
HAAV-27
For ø40mm Button
Blank
HAAV4-0
EMERGENCY STOP
HAAV4-27
• Cannot be used with switch guard.
ø43.
5
ø16
1.7
0.3
Projection
0.5
1.7
ø60
ø1
6
Projection
Nameplate for ø30mm Button
HAAV-∗
• Remove the projection from the nameplate using pliers, otherwise the switch cannot be installed.
• Panel thickness when using a nameplate: 0.5 to 3 mm
Dimensions
Nameplate for ø40mm Button
HAAV4-∗
SEMI S2 Compliant Switch Guard
Package quantity: 1
Shape
Material
Part No.
Remarks
Switch Guard
Polyamide (PA6)
XA9Z-KG1
• IP65 degree of protection
• Color: yellow (Munsell 2.5Y8/10 or equiva-
lent)
• Cannot be used with nameplate.
Gasket
ø16
42
35
23.1
(1.7)
(0.2)
• Panel thickness when using a nameplate:
0.5 to 3 mm
Switch Guard
XA9Z-KG1
Note:
Switch guards have been designed for applications in semiconductor manufacturing equipment only. Do not use the switch guards with emergency stop
switches which are installed on other machines such as machine tools or food processing machines. Machinery Directive of the European Commission and
IEC 60204-1 require that emergency stop switches be installed in a readily accessible area, and the usage of switch guards is not permitted.
X6 Series Emergency Stop Switches (Unibody) ø16
Nameplates (white)
Shape
Description
Part No.
Material
Plate Color
Legend
For ø16mm Series
For ø29mm Mushroom
HAAV-0-W
Polyamide
White (Munsell N9.5)
Blank
For ø49mm Mushroom
HAAV4-0-W
X6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com