Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 24 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 24 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 20Page - IDEC Corporation LSED-HR Datasheet HTML 21Page - IDEC Corporation LSED-HR Datasheet HTML 22Page - IDEC Corporation LSED-HR Datasheet HTML 23Page - IDEC Corporation LSED-HR Datasheet HTML 24Page - IDEC Corporation LSED-HR Datasheet HTML 25Page - IDEC Corporation LSED-HR Datasheet HTML 26Page - IDEC Corporation LSED-HR Datasheet HTML 27Page - IDEC Corporation LSED-HR Datasheet HTML 28Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
24
Dimensions (Non-Illuminated)
Screw Terminal (w/terminal cover)
Gasket
Panel Thickness 0.8 to 6
IP20 Protection Cover
XW9Z-VL2MF
Locking Ring
M3 Terminal Screw
32
0.5
48.7
18.5
20.1
Panel Cut-out
0
+0.2
3.2
R0.8
max
.
0
+0.
4
ø22.3
32
Screw Terminal (IP20)
Solder Terminal and PC Board Terminal
ø40mm Operator
ø40mm Operator
ø60mm Operator
All dimensions in mm.
ø40mm Operator
ø60mm Operator
ø22.3
32
18.5
20.1
Panel Cut-out
0
+0.2
3.2
R0.8
max.
0
+0.
4
Panel Thickness 0.8 to 6
Gasket
Terminal Cover
XW9Z-VL2M
M3 Terminal Screw
Locking Ring
32
0.5
48.7
47.2
17.4
20.1
R0.8
max.
3.2
+0.2
0
ø22.3
+0.4
0
ø40
Panel Cut-out
19.8
8.7
6.5
PC Board Layout
(Bottom View)
3-ø1.7
holes
8-ø1.2
holes
3.1
PC Board Terminal
35
32
2.1
0.5
39.6
Locking Ring
Gasket
Panel Thickness 0.8 to 6
XA9Z-VL2
Terminal Cover
Solder Terminal
ø22 XW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com