Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 18 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 18 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 14Page - IDEC Corporation LSED-HR Datasheet HTML 15Page - IDEC Corporation LSED-HR Datasheet HTML 16Page - IDEC Corporation LSED-HR Datasheet HTML 17Page - IDEC Corporation LSED-HR Datasheet HTML 18Page - IDEC Corporation LSED-HR Datasheet HTML 19Page - IDEC Corporation LSED-HR Datasheet HTML 20Page - IDEC Corporation LSED-HR Datasheet HTML 21Page - IDEC Corporation LSED-HR Datasheet HTML 22Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
18
Terminal Arrangement (Bottom View)
Nameplates (for ø16 Emergency Stop Switches)
Description
Legend
Part No.
Material
Plate Color
Legend Color
For ø29mm Operator
(blank)
HAAV-0
Polyamide
Yellow
Black
EMERGENCY STOP
HAAV-27
For ø40mm Operator
(blank)
HAAV4-0
EMERGENCY STOP
HAAV4-27
Accessories and Replacement Parts
Description & Shape
Material
Part No.
Ordering No.
Package
Quantity
Remarks
Metal
(nickel-plated brass)
MT-001
MT-001
1
• Used to tighten the locking
ring when installing the XA
emergency stop switch onto
a panel.
Polyamide
XA9Z-LN
XA9Z-LNPN10
10
• Black
PBT
XA9Z-VL2
XA9Z-VL2PN02
2
• White
• Used for solder terminals.
• Also applicable to the XW
series.
For Solder Terminal
XA9Z-LED2R
XA9Z-LED2R
1
• Replacement LED unit for
illuminated (for XA series
only).
For PC Board
Terminal
XA9Z-LED2VR
XA9Z-LED2VR
Stainless Steel
MT-101
MT-101
• Used for removing the LED
unit.
12
TOP
21
LeftRight
TOP
2
1
3
4
LeftRight
With NO monitor contacts (blue)
NC main contacts (black):
Terminals 1-2
NO monitor contacts (blue):
Terminals 3-4
NC main contacts (black) only
NC main contacts (black):
Terminals 1-2
1NC: Terminals on right
2NC: Terminals on right and left
3NC: Terminals on right, left, and top
1NC: Terminals on top
2NC: Terminals on right and left
Non-illuminated
Illuminated
LeftRight
TOP
2
1
1
2
X1
X2
TOP
LeftRight
2
1
3
4
X1
X2
LED
LED
With NO monitor contacts (blue)
NC main contacts (black):
Terminals 1-2
NO monitor contacts (blue):
Terminals 3-4
NC main contacts only (black)
NC main contacts(black):
Terminals 1-2
1NC: Terminals on right
2NC: Terminals on right and left
3NC: Terminals on right, left, and top
1NC: Terminals on top
2NC: Terminals on right and left
For ø29mm Operator
For ø40mm Operator
ø43.5
ø16
1.70.3
0.5
1.7
ø60
ø16
• Panel thickness when using
the nameplate: 0.5 to 2 mm
• Panel thickness when using
the nameplate: 0.5 to 2 mm
All dimensions in mm.
Ring Wrench
Locking Ring
Terminal Cover
LED Unit
LED Unit Removal Tool
ø16 XA Series Emergency Stop Switches (w/Removable Contact Block)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com