Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 59 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 59 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 55Page - IDEC Corporation LSED-HR Datasheet HTML 56Page - IDEC Corporation LSED-HR Datasheet HTML 57Page - IDEC Corporation LSED-HR Datasheet HTML 58Page - IDEC Corporation LSED-HR Datasheet HTML 59Page - IDEC Corporation LSED-HR Datasheet HTML 60Page - IDEC Corporation LSED-HR Datasheet HTML 61Page - IDEC Corporation LSED-HR Datasheet HTML 62Page - IDEC Corporation LSED-HR Datasheet HTML 63Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
59
SEMI EMO Switch Guards
SEMI S2-compliant Combinations
EMO Switch Guard
Applicable Emergency Stop Switches
XA9Z-KG1
XA1E-BV4****-EMO ( ), XA1E-BV3 ( ), XA1E-LV3 ( ), XA1E-BV4 ( ), XA1E-LV4 ( )
HW9Z-KG3
XW1E-BV4****-EMO ( ), XW1E-BV4 ( ), XW1E-LV4 ( ), XW1E-TV4 ( ), HW1B-V3 ( ), HW1B-V4 ( ),
HW1B-X4 ( ), HW1B-Y2 ( )
HW9Z-KG4
XW1E-BV4****-EMO ( ), XW1E-BV4 ( ), XW1E-LV4 ( ), XW1E-TV4 ( ), XW1E-BV5 ( ) HW1B-V3 ( ),
HW1B-V4 ( ), HW1E ( ), HW1B-X4 ( ), HW1B-Y2 ( )
HW9Z-KG5
XW1E-BV4****-EMO ( ), XW1E-BV4 ( ), XW1E-LV4 ( ), XW1E-TV4 ( ), XW1E-BV5 ( ), HW1B-V3 ( ),
HW1B-V4 ( ), HW1E ( ), HW1B-X4 ( ), HW1B-Y2 ( )
Note:
EMO switch guards have been designed for applications in semiconductor manufacturing equipment only. Do not use EMO switch guards
with emergency stop switches which are installed on machine tools or food processing machines. (Machinery Directive of the
European Commission and IEC 60204-1 require that emergency stop switches be installed in a readily accessible area, and the usage of
switch guards is not permitted.)
About SEMI
SEMI is an international industry association whose member companies produce materials, equipment, and related technology for
manufacturing semiconductor, flat panel display (FPD), and micro-electromechanical systems (MEMS) products. The SEMI safety guideline
was published for the semiconductor industry and it is observed with the same importance as standards.
SEMI S2-0706, 12.1 describes as follows; “The equipment should have an ‘emergency off’ (EMO) circuit. The EMO actuator (e.g., button),
when activated, should place the equipment into a safe shutdown condition, without generating any additional hazard to personnel or the
facility.” Because the semiconductor environment involves solvents and chemicals in many cases, some of which are toxic, interrupting the
power source may cause secondary accidents. SEMI safety guideline requires the installation of an emergency off switch which disconnects
only the part responsible for the hazardous situation, and maintains the functions of safety-related devices (e.g., smoke detectors, gas/water
leak detectors, pressure measurement devices, etc.).
Emergency off buttons should be located or guarded to minimize accidental activation (SEMI S2-0706, 12.5.1). The emergency off button
should be red and mushroom shaped. A yellow background for the EMO should be provided (SEMI S2-0706, 12.3).
The combination of IDEC’s EMO switch guards and emergency stop switches
are approved by TÜV Rheinland for compliance with SEMI S2 standards.
XA9Z-KG1
HW9Z-KG3
HW9Z-KG4
HW9Z-KG5
838 mm
minimum
1638 mm
maximum
(3 m maximum)
(3 m maximum)
EMO button
EMO button
Operator
• Location of EMO switches on semiconductor manufacturing equipment
Acceptance criteria: controls should not be located above 1638 mm (64.5 in.) or below 838 mm (33 in.)
(SEMI S8-0705, 9.1.2).
• No operation or regularly scheduled maintenance location should require
more than 3 m (10 feet) travel to an EMO button (S2-0706, 12.5.2).
EMO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com