Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 44 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 44 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 40Page - IDEC Corporation LSED-HR Datasheet HTML 41Page - IDEC Corporation LSED-HR Datasheet HTML 42Page - IDEC Corporation LSED-HR Datasheet HTML 43Page - IDEC Corporation LSED-HR Datasheet HTML 44Page - IDEC Corporation LSED-HR Datasheet HTML 45Page - IDEC Corporation LSED-HR Datasheet HTML 46Page - IDEC Corporation LSED-HR Datasheet HTML 47Page - IDEC Corporation LSED-HR Datasheet HTML 48Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
44
Din Rail Mount Transformer
Safety Precautions
• Turn off the power to the YW series control units before
starting installation, removal, wiring, maintenance, and
inspection of the products. Failure to turn power off may
cause electrical shocks or fire hazard.
• To avoid burning your hand, use the lamp holder tool when
replacing lamps.
• For wiring, use wires of a proper size to meet the volt-
age and current requirements. Tighten the M3.5 terminal
screws to a tightening torque of 1.0 to 1.3 N·m. Failure to
tighten the terminal screws may cause overheating and
fire.
Secondary Terminal
Screws M3.5
2-ø3.5
Mounting Holes
Primary Terminal
Screws M3.5
40
48
52
Dimensions (mm)
.
Primary Voltage
(50/60 Hz)
Part No.
Applicable Lamp Rating
110V AC
TWR516
One full voltage illuminated unit
containing LED lamp LSED-6 (6V
AC/DC) or incandescent lamp LS-
T6 (6.3V)
115V AC
TWR5116
120V AC
TWR5126
220V AC
TWR526
230V AC
TWR5236
240V AC
TWR5246
380V AC
TWR5386
440V AC
TWR546
480V AC
TWR5486
Note: Finger-safe terminal cover is supplied with the transformer.
ø22 YW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com