Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 29 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 29 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 25Page - IDEC Corporation LSED-HR Datasheet HTML 26Page - IDEC Corporation LSED-HR Datasheet HTML 27Page - IDEC Corporation LSED-HR Datasheet HTML 28Page - IDEC Corporation LSED-HR Datasheet HTML 29Page - IDEC Corporation LSED-HR Datasheet HTML 30Page - IDEC Corporation LSED-HR Datasheet HTML 31Page - IDEC Corporation LSED-HR Datasheet HTML 32Page - IDEC Corporation LSED-HR Datasheet HTML 33Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
29
Safety Precautions
• Turn off power to the XW series emergency stop switch
before starting installation, removal, wiring, maintenance,
and inspection of the relays. Failure to turn power off may
cause electrical shock or fire hazard.
• Use wires of the proper size to meet the voltage and
current requirements, and solder the wires correctly. If
soldering is incomplete, the wire may heat during opera-
tion, causing fire hazard.
Instructions
Removing the Contact Block
First unlock the operator button. Grab the bayonet ring ➀
and pull back the bayonet ring until the latch pin clicks ➁,
then turn the contact block counterclockwise and pull out
➂
.
Bayonet Ring
➀ Grab
➁ Pull
➀ Grab
➂ Turn counterclockwise
Notes for removing the contact block
1. When the contact block is removed, the monitor contact
(NO contact) is closed.
2. While removing the contact block, do not exert excessive
force, otherwise the switch may be damaged.
3. An LED lamp is built into the contact block for illuminated
pushbuttons. When removing the contact block, pull the
contact block straight to prevent damage to the LED
lamp. If excessive force is exerted, the LED lamp may be
damaged and fail to light.
Panel Mounting
Remove the locking ring from the operator and check that
the rubber gasket is in place. Insert the operator from panel
front into the panel hole. Face the side without thread on
the operator with TOP marking upward, and tighten the
locking
ring using ring wrench MW9Z-T1 to a torque of 2.0 N·m
maximum.
Locking Ring
Rubber Gasket
Operator without
TOP marking
thread
Notes for Panel Mounting
To prevent the XW emergency stop switch from rotating
when resetting from the latched position, use of an anti-
rotation ring (HW9Z-RL) or a nameplate is recommended.
Installing the Contact Block
First unlock the operator button. Align the small ▼ marking
on the edge of the operator with the small ▲ marking on
the yellow bayonet ring. Hold the contact block, not the
bayonet ring. Press the contact block onto the operator and
turn the contact block clockwise until the bayonet ring
clicks.
➁ Turn clockwise
▼
marking
▲
marking
➀ Push
Notes for installing the contact block
Make sure that the bayonet ring is in the locked position.
Check that the two projections on the bayonet ring are
securely in place.
Projections
Latched
Unlatched
Wiring
Solder Terminal
1. The applicable wire size is 1.25 mm2 maximum.
2. Solder the terminal at a temperature of 310 to 350°C
within 3 seconds using a soldering iron. Sn-Ag-Cu type is
recommended when using lead-free solder. When solder-
ing, do not touch the enabling switch with the soldering
iron. Also ensure that no tensile force is applied to the
terminal. Do not bend the terminal or apply excessive
force to the terminal.
3. Use a non-corrosive rosin flux.
4. Because the terminal spacing is narrow, use protective
tubes or heat shrinkable tubes to avoid burning of wire
coating or short circuit.
PC Board Terminal
1. When mounting a contact block on a PC board, provide
sufficient rotating space for the PC board when installing
and removing the contact block.
2. When mounting an XW emergency stop switch on a PC
board, make sure that the operator is securely installed.
3. Do not solder by flow soldering. Otherwise, damage may
be caused.
XW Series Emergency Stop Switches ø22
XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com