Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 14 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 14 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 10Page - IDEC Corporation LSED-HR Datasheet HTML 11Page - IDEC Corporation LSED-HR Datasheet HTML 12Page - IDEC Corporation LSED-HR Datasheet HTML 13Page - IDEC Corporation LSED-HR Datasheet HTML 14Page - IDEC Corporation LSED-HR Datasheet HTML 15Page - IDEC Corporation LSED-HR Datasheet HTML 16Page - IDEC Corporation LSED-HR Datasheet HTML 17Page - IDEC Corporation LSED-HR Datasheet HTML 18Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
14
XA Series
Pushlock Pull/Turn Reset (Solder Terminal)
Shape
Contact
Part No.
 Operator Color
Code
IP40 (contact part: black)
IP65 (contact part: yellow)
ø29mm Mushroom
1NC
XA1E-BV3U01K
XA1E-BV3U01
R: red
RH: bright red
2NC
XA1E-BV3U02K
XA1E-BV3U02
ø40mm Mushroom
1NC
XA1E-BV4U01K
XA1E-BV4U01
2NC
XA1E-BV4U02K
XA1E-BV4U02
• Solder/tab #110 terminal is also available. Specify “T” before  in the Ordering No.
XA1E-BV3U02KR → XA1E-BV3U02KTR
Dimensions
20.6
Solder Terminal
(Behind the panel: 19.5)
ø29 mm Mushroom
ø40 mm Mushroom
Solder/Tab Terminal #110
(Behind the panel: 23.9)
0
+0.
2
ø16.
2
0
+0.2
1.7
20.6
Panel Thickness 0.8 to 4.5
Mounting Hole
15.9
3.6
15.9
8.0
Terminal Arrangement
(Bottom View)
1
TOP
1NC: Termimals on top
2
21
Mounting Hole Layout
ø16.2
+0.2
0
X
Y
X
Y
ø29mm Mushroom
40 mm minimum
ø40mm Mushroom
50 mm minimum
• The values shown
on the left are the
minimum dimensions
for mounting with other
ø16 mm pushbuttons.
For other control units
of different sizes and
styles, determine the
values according to the
dimensions, operation,
and wiring.
All dimensions in mm.
ø16 XA Series Emergency Stop Switches (Unibody)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com