Electronic Components Datasheet Search
  English  ▼

X  

LSED-HR Datasheet(PDF) 34 Page - IDEC Corporation

Part # LSED-HR
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-HR Datasheet(HTML) 34 Page - IDEC Corporation

Back Button LSED-HR Datasheet HTML 30Page - IDEC Corporation LSED-HR Datasheet HTML 31Page - IDEC Corporation LSED-HR Datasheet HTML 32Page - IDEC Corporation LSED-HR Datasheet HTML 33Page - IDEC Corporation LSED-HR Datasheet HTML 34Page - IDEC Corporation LSED-HR Datasheet HTML 35Page - IDEC Corporation LSED-HR Datasheet HTML 36Page - IDEC Corporation LSED-HR Datasheet HTML 37Page - IDEC Corporation LSED-HR Datasheet HTML 38Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
34
Contact Ratings
Contact
Block
Rated Insulation Voltage
600V
Rated Thermal Current
10A
Contact Ratings by Utilization Category
IEC 60947-5-1
AC-15 (A600)
DC-13
Characteristics
Contact Ratings by Utilization Category
Operational Voltage
24V 48V 50V 110V 220V 440V
AC
50/60
Hz
AC-12 Control of
resistive loads and
solid state loads
10A
—
10A 10A 6A
2A
AC-15 Control of
electromagnetic
loads (> 72 VA)
10A
—
7A
5A
3A
1A
DC
DC-12 Control of
resistive loads and
solid state loads
8A
4A
—
2.2A 1.1A
—
DC-13 Control of
electromagnets
4A
2A
—
1.1A 0.6A
—
Emergency Stop Switches (w/Removable Contact Block) Specifications
Specifications
Operating Temperature
–25 to +60°C (no freezing)
Storage Temperature
–40 to +80°C
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
50N
Minimum Force Required
for Direct Opening Action 5.5 mm
Maximum Operator
Stroke
10 mm
Contact Resistance
50 mΩ maximum (initial value)
Insulation Resistance
100 MΩ minimum (500V DC megger)
Dielectric Strength
Between live and dead metal parts
Between terminals of different poles
Between terminals of the same pole
2,500V AC, 1 minute
Vibration Resistance
Damage limits:
30 Hz,
amplitude 1.5 mm
Operating extremes: 5 to 55 Hz,
amplitude 0.5 mm
Shock Resistance
Damage limits:
1000 m/s2
Operating extremes: 100 m/s2
Operating Frequency
900 operations/h
Life
Mechanical:
500,000 operations minimum
(push-pull: 250,000 operations)
Electrical:
500,000 operations minimum
(push-pull: 250,000 operations)
(at 900 operations/h, duty ratio 40%)
Degree of Protection
IP65 (IEC 60529)
Terminal Style
M3.5 screw
Weight
76g (HW1B-V322)
99g (HW1B-X422R)
54g (HW1B-Y202)
79g (HW1B-V422R-EMO)
Pushlock Turn Reset Switches (with Removable Contact Block)
Shape
Contact
Part No.
Button Color
ø29mm Mushroom Pushlock Turn Reset
HW1B-V3
1NC
HW1B-V301➀
Specify a button color code in
place of ➀ in the Part No.
R: red
Y: yellow
1NO-1NC
HW1B-V311➀
2NC
HW1B-V302➀
2NO-2NC
HW1B-V322➀
ø40mm Mushroom Pushlock Turn Reset
HW1B-V4
1NC
HW1B-V401➀
1NO-1NC
HW1B-V411➀
2NC
HW1B-V402➀
2NO-2NC
HW1B-V422➀
ø60mm Mushroom Pushlock Turn Reset
HW1B-V5
1NC
HW1B-V501➀
1NO-1NC
HW1B-V5➅1➀
2NC
HW1B-V502➀
2NO-2NC
HW1B-V522➀
• Yellow buttons cannot be used as emergency stop switches in compliance with EN standards.
• When pressed, the button is held depressed. The button is released by turning clockwise.
• Pushlock turn reset switches with one or three contact blocks contain a dummy block.
• Safety lever lock HW9Z-LS is supplied with the switch.
• Other contact arrangements and gold-plated silver contacts are also available. See page 35.
ø22 HW Series Emergency Stop Switches
Standards
Applicable Standards
Mark
File No. or Organization
UL508
UL Listing File No. E68961
CSA C22.2 No. 14
File No. LR92374
EN60947-5-5
TÜV Rheinland
EU Low Voltage Directive
GB14048.5
CCC No.2005103050145656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com