Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 5 Page - Analog Devices

  LT8601 Datasheet HTML 1Page - Analog Devices LT8601 Datasheet HTML 2Page - Analog Devices LT8601 Datasheet HTML 3Page - Analog Devices LT8601 Datasheet HTML 4Page - Analog Devices LT8601 Datasheet HTML 5Page - Analog Devices LT8601 Datasheet HTML 6Page - Analog Devices LT8601 Datasheet HTML 7Page - Analog Devices LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT8686S
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
HV Channel Efficiency vs Load
VOUT = 5V, Burst Mode Operation
HV Channel Efficiency vs Load
VOUT = 5V, Pulse-Skipping Mode
LV Channel Efficiency vs Load
VOUT = 1.8V, Burst Mode Operation
LV Channel Efficiency vs Load,
VOUT = 1.8V, Pulse-Skipping Mode
HV Channel Efficiency vs
Frequency, VOUT = 5V,
Burst Mode Operation
LV Channel Efficiency vs
Frequency, VOUT = 1.8V,
Burst Mode Operation
HV Channel Efficiency vs Load,
CH1 and CH2 Shared VOUT = 5V,
Burst Mode Operation
LV Channel Efficiency vs Load,
CH3 and CH4 Shared VOUT = 1.8V,
Burst Mode Operation
No Load Supply Current vs
Temperature, Burst Mode
Operation
PVIN = 12V
PVIN = 24V
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
8686S G01
PVIN = 12V
PVIN = 24V
LOAD CURRENT (A)
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
80
90
100
8686S G02
PVIN = 5V
PVIN = 3.3V
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
8686S G03
PVIN = 5V
PVIN = 3.3V
LOAD CURRENT (A)
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
80
90
100
8686S G04
ILOAD = 1A
SWITCHING FREQUENCY (MHz)
0.5
1
1.5
2
2.5
3
70
75
80
85
90
95
100
8686S G05
ILOAD = 1A
SWITCHING FREQUENCY (MHz)
0.5
1
1.5
2
2.5
3
70
75
80
85
90
95
100
8686S G06
PVIN = 12V
PVIN = 24V
LOAD CURRENT (A)
0.001
0.01
0.1
1
4
0
10
20
30
40
50
60
70
80
90
100
8686S G07
PVIN = 3.3V
PVIN = 5V
LOAD CURRENT (A)
0.001
0.01
0.1
1
4
0
10
20
30
40
50
60
70
80
90
100
8686S G08
VOUT1 = 5V
VOUT2 = 3.3V
VOUT3 = 1.8V
VOUT4 = 1.2V
TEMPERATURE (°C)
–50
0
50
100
150
0
4
8
12
16
20
24
28
32
36
40
8686S G09
TA = 25°C, VIN1 = VIN2 = 12V, VIN3 = VIN4 = 3.3V,
fSW = 2MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com