Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 1 Page - Analog Devices

  LT8601 Datasheet HTML 1Page - Analog Devices LT8601 Datasheet HTML 2Page - Analog Devices LT8601 Datasheet HTML 3Page - Analog Devices LT8601 Datasheet HTML 4Page - Analog Devices LT8601 Datasheet HTML 5Page - Analog Devices LT8601 Datasheet HTML 6Page - Analog Devices LT8601 Datasheet HTML 7Page - Analog Devices LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT8686S
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V Quad, Gangable, Synchronous,
Monolithic Step-Down Regulator
The LT®8686S is a highly flexible, four-channel, current
mode, monolithic regulator able to power a wide range
of automotive and industrial applications while occupying
minimal board space.
The LT8686S combines two 42V capable 2A buck regu-
lators with two 8V capable 2A buck regulators. The two
42V regulators may be combined to provide up to 4A of
output current using a single inductor. Similarly, the two
8V regulators may be combined to provide up to 4A of
output current using a single inductor. Individual channel
enable, track/soft-start and power good pins provide flex-
ible power supply sequencing and control. The LT8686S
features a Silent Switcher 2 architecture, plus selectable
spread spectrum mode, to provide ultralow EMI/EMC
emissions while delivering high efficiency at high switch-
ing frequencies.
The LT8686S incorporates thermal shutdown and individ-
ual channel cycle-by-cycle current limit for short-circuit
protection and robust operation.
42V Input, Quad Output 2MHz Step-Down Regulator
APPLICATIONS
n
Silent Switcher®2 Architecture
n
Ultralow EMI Emissions
n
Optional Spread Spectrum Modulation
n
Two High Voltage Synchronous Buck Regulators
n
3V to 42V Input Voltage Range
n
Output Currents Up to 2A per Channel
n
Channels May Be Connected in Parallel Using
a Single Inductor
n
Two Low Voltage Synchronous Buck Regulators
n
3V to 8V Input Voltage Range
n
Output Currents up to 2A per Channel
n
Channels May Be Connected in Parallel Using
a Single Inductor
n
12μA IQ All Channels Active and No-Load
n
Flexible Supply Sequencing and Control
n
Adjustable and Synchronizable: 350kHz to 3MHz
n
Available in 32-Pin LQFN (5mm × 5mm)
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive Systems
n
Industrial Controls and Power Supplies
All registered trademarks and trademarks are the property of their respective owners.
Efficiency and Loss
HV CHANNEL EFFICIENCY: 12V TO 5V
LV CHANNEL EFFICIENCY: 5V TO 1.8V
HV CHANNEL LOSS
LV CHANNEL LOSS
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
8686S TA01b
8686S TA01a
BST3
SW3
FB3
BST4
SW4
FB4
BIAS
BST1
SW1
FB1
BST2
SW2
FB2
EN/UVLO
EN2
VIN1
VIN2
EN3
EN4
VIN3
VIN4
6V TO 42V
PG1-4
TRK/SS1-4
RT
SYNC/MODE
OUT1
5V, 2A*
INTVCC
OUT4
1.2V, 2A
VIN
OUT3
1.8V, 2A
GND
OUT2
3.3V, 2A
LT8686S
OUT1
4
4
*CURRENT AVAILABLE FROM OUT1: 2A – IVIN3 – IVIN4 – IBIAS


Similar Part No. - LT8601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
LT8601 LINER-LT8601 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
logo
Analog Devices
LT8601 AD-LT8601 Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
More results

Similar Description - LT8601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT7200S AD-LT7200S Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com