Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8601 Datasheet HTML 15Page - Analog Devices LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices LT8601 Datasheet HTML 18Page - Analog Devices LT8601 Datasheet HTML 19Page - Analog Devices LT8601 Datasheet HTML 20Page - Analog Devices LT8601 Datasheet HTML 21Page - Analog Devices LT8601 Datasheet HTML 22Page - Analog Devices LT8601 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT8686S
19
Rev. 0
For more information www.analog.com
However, not all ceramic capacitors are the same. Many
of the higher value capacitors use dielectrics with high
temperature and voltage coefficients. Y5V and Z5U types
lose a large fraction of their capacitance with applied volt-
age and at temperature extremes. Because loop stability,
transient response, ripple and EMI depend on the value of
the input and output capacitors, it is best to use X5R (max
85°C), X7R (max 125°C) or X8R (max 150°C) capacitors
depending on the operating temperature range.
Electrolytic capacitors are also an option. The ESRs of
most aluminum electrolytic capacitors are too large to
deliver low output ripple. Tantalum, as well as newer,
lower ESR organic electrolytic capacitors intended for
power supply use are suitable. Choose a capacitor with a
low enough ESR for the required output ripple. Because
the volume of the capacitor determines its ESR, both the
size and value will be larger than a ceramic capacitor that
would give similar ripple performance.
The Typical Applications section provides a reasonable
starting point for output capacitor values. Careful evalua-
tion of each application must be made to ensure adequate
design margin.
BOOST CAPACITOR SELECTION
Connecting a capacitor between each channel’s BST and
SW pins creates an internal approximately 3.4V supply
used to drive the internal power devices. For most applica-
tions, choosing a 0.1μF ceramic capacitor for this function
works well.
Although the SW and BST pins of combined channels are
connected at the board level to drive a single inductor, for
robust operation, each of the combined channels must
have its own boost capacitor connected between their
respective BST and SW pins.
OUTPUT VOLTAGE TRACKING AND SOFT-START
The LT8686S’s programmable channel soft-start fea-
ture, which controls the output voltage ramp time during
startup, combined with channel power good (PG) and
enable (EN) functions, supports flexible startup sequenc-
ing and control. In addition, the soft-start feature can be
used to reduce input surge current and prevent output
voltage overshoot. To program the output voltage soft-
start time, connect a capacitor between the channel’s
TRK/SS pin and ground according to Equation 16.
tSS =
CSS •0.8V
2µA
(16)
where 2µA is the TRK/SS pull-up current and CSS is the
value of the capacitor in Farads.
The channel TRK/SSx pins are pulled down through
approximately 300k, which will discharge the external
soft-start capacitor when the part is shut down or during
certain fault conditions.
For output voltage tracking, the channel TRK/SS pin can
be driven by an external voltage source. More specifically,
when driven with a voltage between 0V and 0.8V, the TRK/
SS pin will override the internal 0.8V reference input to
the error amplifier thus regulating the FB voltage to that
present on the TRK/SS pin. When TRK/SS is above 0.8V,
tracking is disabled, and the feedback voltage will regulate
to the internal reference voltage.
When combining channels, slave channel TRK/SS pins
should be open.
POWER GOOD COMPARATORS
Each LT8686S channel has a power good comparator with
an open drain output pin, PGx. Each PG pin is pulled low
when the corresponding feedback voltage is either above
or below its reference voltage by more than 7.5%. See the
Electrical Characteristics table for more information on
each channel’s power good thresholds. All PG pins will be
pulled low when the part is shut down. Individual channel
PG pins will be pulled low when their corresponding EN
pin is low.
When combining channels, only the master channel PG
pins are valid. Slave PG pins should be open.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com