Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8601 Datasheet HTML 3Page - Analog Devices LT8601 Datasheet HTML 4Page - Analog Devices LT8601 Datasheet HTML 5Page - Analog Devices LT8601 Datasheet HTML 6Page - Analog Devices LT8601 Datasheet HTML 7Page - Analog Devices LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices LT8601 Datasheet HTML 10Page - Analog Devices LT8601 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT8686S
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
HV Channel Minimum Off-Time vs
Temperature, CH1 and CH2 Shared
LV Channel Minimum
On-Time vs Temperature
LV Channel Minimum
On-Time vs Temperature,
CH3 and CH4 Shared
Reference Voltage vs Temperature
HV Channel Load Regulation
LV Channel Load Regulation
Switching Frequency
vs Temperature
HV Channel Switching Frequency
vs Load, RT = 22.6kΩ
ILOAD = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
45
47
49
51
53
55
57
59
61
63
65
8686S G19
ILOAD = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
10
12
14
16
18
20
22
24
26
28
30
8686S G20
ILOAD = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
20
22
24
26
28
30
32
34
36
38
40
8686S G21
TEMPERATURE (°C)
–50
0
50
100
150
788
792
796
800
804
808
812
–1.50
–1.00
–0.50
0
0.50
1.00
1.50
8686S G22
PVIN = 12V
LOAD CURRENT (A)
0.0
0.5
1.0
1.5
2
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
8686S G23
PVIN = 5V
LOAD CURRENT (A)
0.0
0.5
1.0
1.5
2
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
8686S G24
350kHz
2MHz
3MHz
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–10
–8
–6
–4
–2
0
2
4
6
8
10
8686S G25
VIN = 12V
VOUT = 5V
L = 1.8µH
Burst Mode OPERATION
PULSE-SKIPPING MODE
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
8686S G26
TA = 25°C, VIN1 = VIN2 = 12V, VIN3 = VIN4 = 3.3V,
fSW = 2MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com