Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices LT8601 Datasheet HTML 10Page - Analog Devices LT8601 Datasheet HTML 11Page - Analog Devices LT8601 Datasheet HTML 12Page - Analog Devices LT8601 Datasheet HTML 13Page - Analog Devices LT8601 Datasheet HTML 14Page - Analog Devices LT8601 Datasheet HTML 15Page - Analog Devices LT8601 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT8686S
12
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
8686S BD
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
REFERENCE
INTVCC
REGULATOR
BIAS
VIN1
EN/UVLO
BST1
VIN1
ILIM1
ILIM1
ILIM2
LOGIC 1
LOGIC 2
CURRENT SENSE
COMPARATOR
REVERSE CURRENT
COMPARATOR
INTVCC
LOOP
COMPENSATION
LOOP
COMPENSATION
LOOP
COMPENSATION
LOOP
COMPENSATION
SW1
GND
TRK/SS1
FB1
PG1
SYNC/MODE
EN3
BST3
VIN3
SW3
GND
TRK/SS3
FB3
PG3
EN2
INTVCC
BST2
VIN2
SW2
GND
TRK/SS2
FB2
PG2
RT
EN4
BST4
VIN4
SW4
GND
TRK/SS4
FB4
PG4
0.86V
0.74V
0.8V
2A
ILIM3
INTVCC
DRIVER
LOGIC 3
LOGIC 4
CURRENT SENSE
COMPARATOR
REVERSE CURRENT
COMPARATOR
DRIVER
CURRENT SENSE
COMPARATOR
REVERSE CURRENT
COMPARATOR
DRIVER
CURRENT SENSE
COMPARATOR
REVERSE CURRENT
COMPARATOR
DRIVER
ILIM3
0.81V
0.86V
0.74V
CLK1
CLK2
CLK3
CLK4
OSCILLATOR
0.8V
2A
0.8V
0.86V
0.74V
0.8V
2A
INTVCC
ILIM4
ILIM4
0.81V
0.1F
0.86V
0.74V
0.8V
2A
INTVCC
0.81V
0.01F
ILIM2
0.1F
0.01F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com