Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices LT8601 Datasheet HTML 18Page - Analog Devices LT8601 Datasheet HTML 19Page - Analog Devices LT8601 Datasheet HTML 20Page - Analog Devices LT8601 Datasheet HTML 21Page - Analog Devices LT8601 Datasheet HTML 22Page - Analog Devices LT8601 Datasheet HTML 23Page - Analog Devices LT8601 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT8686S
20
Rev. 0
For more information www.analog.com
PCB LAYOUT
The LT8686S is specifically designed to minimize EMI/
EMC emissions and to maximize efficiency when switch-
ing at high frequencies.
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. A recommended
board layout is available with the latest LT8686S demo
board. Some general guidelines are available in the
remainder of this section.
Place a local, unbroken ground plane under the application
circuit on the layer closest to the surface layer and con-
nect the exposed GND pad to this layer. The exposed pad
ground connection should be made with the maximum
number of vias possible to reduce thermal and electrical
impedance to the board ground. For best performance,
maximize unbroken board ground planes in the vicinity
of the LT8686S.
The SW and BST nodes should be made as small as
possible to minimize noise coupling to sensitive traces.
Minimize traces connecting to the RT and all FB pins and
provide ground shielding as needed to minimize noise
coupling to these sensitive nodes.
For each buck regulator, place input bypass capaci-
tors close to the VINx pins with a low impedance con-
nection to the exposed pad through the ground plane
mentioned above.
The recommended layer use for a 4-layer board is:
• Layer 1 (Components): use 2oz (70µm) copper.
Unbroken high frequency/high current routing,
including SW and BST node routing, plus inductor,
input, and output capacitor placement. Ground fill on
the remainder.
• Layer 2 (Internal): Unbroken ground plane.
APPLICATIONS INFORMATION
• Layer 3 (Internal): Signal routing with ground plane
on remainder.
• Layer 4 (Bottom): Use 2oz (70µm) copper. Use
for remaining signal routing with ground fill on
the remainder.
THERMAL CONSIDERATIONS
The exposed pad is the path for conducting heat from
the silicon die to the PC board and the surrounding air.
For good heat conduction, thermal vias should be placed
under the device to conduct heat down to internal ground
planes and the back side of the board. Multiple small vias
work better than a few large ones as the copper plating of
the via is a much better conductor than the solder which
may or may not fill the via volume. The planes will dis-
tribute heat over a large area.
Power dissipated within the LT8686S will result in a junc-
tion temperature rise beyond the ambient temperature in
proportion to the package thermal resistance, θJA (°C/W).
The power dissipation within the LT8686S can be esti-
mated from an efficiency measurement by calculating the
total power loss, then subtracting power loss in compo-
nents external to the LT8686S, such as inductor DCR loss.
The maximum operating junction temperature is then esti-
mated by multiplying the estimated LT8686S power loss
by the package θJA  and summing the result with the
maximum application ambient temperature.
A good board design can achieve a θJA  of 20°C/W. If the
calculation of maximum junction temperature indicates
the LT8686S will operate near or above the allowed junc-
tion temperature, more precise thermal modeling may be
required, or design changes must be made to reduce the
die junction temperature. Design changes may include
reducing VVINx, reducing fSW, or reducing the operating
load current. Load current reduction may be achieved with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com