Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8601 Datasheet HTML 4Page - Analog Devices LT8601 Datasheet HTML 5Page - Analog Devices LT8601 Datasheet HTML 6Page - Analog Devices LT8601 Datasheet HTML 7Page - Analog Devices LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices LT8601 Datasheet HTML 10Page - Analog Devices LT8601 Datasheet HTML 11Page - Analog Devices LT8601 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT8686S
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveform
Burst Mode Operation
Switching Waveform Pulse-
Skipping Operation
HV Channel Load Step
LV Channel Load Step
Conducted EMI Performance
Switching Waveform Continuous
Full Frequency Operation
12VIN TO 5VOUT AT 0.5A
SYNC/MODE = GND
2µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8686S G28
12VIN TO 5VOUT AT 20mA
SYNC/MODE = GND
1µs/DIV
VSW
5V/DIV
IL
200mA/DIV
8686S G29
12VIN TO 5VOUT AT 20mA
SYNC/MODE = FLOATING
1µs/DIV
VSW
5V/DIV
IL
200mA/DIV
8686S G30
0.5A TO 1.5A STEP
5VOUT
COUT = 47µF
Burst Mode OPERATION, fSW = 2MHz
50µs/DIV
VOUT
200mV/DIV
ILOAD
1A/DIV
8686S G31
0.5A TO 1.5A STEP
1.8VOUT
COUT = 47µF ×2
Burst Mode OPERATION, fSW = 2MHz
50µs/DIV
VOUT
100mV/DIV
ILOAD
1A/DIV
8686S G32
DC3126A DEMO BOARD
(WITH EMI FILTER INSTALLED)
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
3
6
9
12
15
18
21
24
27
30
–20
–10
0
10
20
30
40
50
60
8686S G33
VEMI = 14V, VOUT1 = 5V, VOUT2 = 3.3V, VOUT3 = 1.8V, VOUT4 = 1.2V
IOUT1 = 2A – IVIN3 – IVIN4 – IBIAS, IOUT2 = IOUT3 = IOUT4 = 2A, fSW = 2MHz
LV Channel Switching Frequency
vs Load, RT = 22.6kΩ
VIN = 5V
VOUT = 1.8V
L = 0.78µH
Burst Mode OPERATION
PULSE-SKIPPING MODE
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
8686S G27
TA = 25°C, VIN1 = VIN2 = 12V, VIN3 = VIN4 = 3.3V,
fSW = 2MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com