Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8601 Datasheet HTML 11Page - Analog Devices LT8601 Datasheet HTML 12Page - Analog Devices LT8601 Datasheet HTML 13Page - Analog Devices LT8601 Datasheet HTML 14Page - Analog Devices LT8601 Datasheet HTML 15Page - Analog Devices LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices LT8601 Datasheet HTML 18Page - Analog Devices LT8601 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LT8686S
15
Rev. 0
For more information www.analog.com
The LT8686S combines four buck converters to provide a
flexible system supply that can be configured to generate
two to four regulated outputs while occupying minimal
board space.
PRECISION UNDERVOLTAGE LOCKOUT
The accurate 0.8V threshold (falling) of the EN/UVLO pin
enables a programmable LT8686S undervoltage lockout
feature realized by connecting an external resistor divider
between the VIN1 input supply pin and the EN/UVLO pin.
An EN/UVLO logic low input turns off all channels regard-
less of the state of EN2, EN3, and EN4 pins.
The LT8686S UVLO divider circuit is shown in Figure 1.
The UVLO threshold is given by Equation 1.
V(LT8686S_UVLO) =
RUV1+RUV2
RUV2
•0.8V
(1)
EN/UVLO
VIN
LT8686S
RUV1
RUV2
8686S F01
Figure 1. LT8686S UVLO Resistor Divider Connection
Similar to the EN/UVLO pin, the accurate 0.81V reference
of the EN2, EN3 and EN4 pins enables a programma-
ble undervoltage lockout feature for each correspond-
ing channel, realized by connecting an external resistor
divider between the respective channel’s input supply pin
and its EN pin.
The individual channel UVLO divider circuit is shown in
Figure 2. The threshold is given by Equation 2.
V(CHAN_UVLO) =
RUV1+RUV2
RUV2
•0.81V
(2)
ENx
VINx
LT8686S
RUV1
RUV2
8686S F02
Figure 2. Individual Channel UVLO Resistor Divider Connection
APPLICATIONS INFORMATION
SWITCHING FREQUENCY
Each channel operates from a clock provided by an
internal oscillator whose frequency is determined by an
external resistor connected from the RT pin to ground.
By selecting the appropriate external resistor value, the
switching frequency may be programmed from 350kHz
to 3MHz.
Table 1 shows the recommended value of the RT resistor
for some common switching frequencies.
Table 1. Switching Frequency (fSW) vs RT Value
SWITCHING FREQUENCY
(MHz)
RT
(kΩ)
0.35
154
0.5
107
0.75
69
1.0
49.9
1.25
39.0
1.5
32.0
1.75
26.4
2.0
22.6
2.25
19.6
2.5
17.2
2.75
15.4
3.0
13.7
Equation 3 approximates the values shown in Table 1.
RT =
55.4
fSW 0.002
5
(3)
Where fSW is in MHz, and RT is kΩ. The RT pin is sensi-
tive to noise so the resistor should be placed close to the
LT8686S and away from noise sources.
The oscillator generates four-clock phases. When oper-
ating independently, the relative phases of the channels
are 0° for CH1, 180° for CH2, 270° for CH3 and 90° for
CH4. When combing channels, the master channel phase
determines the combined channel’s clock phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com