Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 276 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 276 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 272Page - Infineon Technologies AG TC387 Datasheet HTML 273Page - Infineon Technologies AG TC387 Datasheet HTML 274Page - Infineon Technologies AG TC387 Datasheet HTML 275Page - Infineon Technologies AG TC387 Datasheet HTML 276Page - Infineon Technologies AG TC387 Datasheet HTML 277Page - Infineon Technologies AG TC387 Datasheet HTML 278Page - Infineon Technologies AG TC387 Datasheet HTML 279Page - Infineon Technologies AG TC387 Datasheet HTML 280Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
276
V 1.2, 2021-03
309
P33.11
FAST / PU1 /
VEVRSB /
ES5
3405951
6889293
General-purpose I/O
310
VSS
Vx
3303153
7058295
Supply Voltage
311
VDD
Vx
3256155
6889293
Supply Voltage
312
VSS
Vx
3209157
7058295
Supply Voltage
313
P33.10
FAST / PU1 /
VEVRSB /
ES5
3162159
6889293
General-purpose I/O
314
P33.15
SLOW / PU1 /
VEVRSB /
ES5
3115161
7058295
General-purpose I/O
315
P33.13
FAST / PU1 /
VEVRSB /
ES5
3068163
6889293
General-purpose I/O
316
P33.14
FAST / PU1 /
VEVRSB /
ES5
3021165
7058295
General-purpose I/O
317
P33.12
FAST / PU1 /
VEVRSB /
ES5
2974167
6889293
General-purpose I/O
318
VDD
—
2890953
7058295
Supply Voltage
319
VSS
—
2796957
7058295
Supply Voltage
320
P32.2
SLOW / PU1 /
VEXT / ES
2721357
6889293
General-purpose I/O
321
P32.5
SLOW / PU1 /
VEXT / ES
2674359
7058295
General-purpose I/O
322
P32.4
FAST / PU1 /
VEXT / ES
2627361
6889293
General-purpose I/O
323
VSS
Vx
2580363
7058295
Supply Voltage
324
VEXT
Vx
2533365
6889293
Supply Voltage
325
P32.3
SLOW / PU1 /
VEXT / ES
2486367
7058295
General-purpose I/O
326
P32.7
SLOW / PU1 /
VEXT / ES
2439369
6889293
General-purpose I/O
327
VSS
Vx
2363769
7058295
Supply Voltage
328
P32.6
SLOW / PU1 /
VEXT / ES
2288169
6889293
General-purpose I/O
329
VDD
Vx
2212569
7058295
Supply Voltage
330
P31.1
FAST / PU1 /
VEXT / ES
2136969
6889293
General-purpose I/O
331
P31.0
FAST / PU1 /
VEXT / ES
2089971
7058295
General-purpose I/O
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com