Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 274 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 274 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 270Page - Infineon Technologies AG TC387 Datasheet HTML 271Page - Infineon Technologies AG TC387 Datasheet HTML 272Page - Infineon Technologies AG TC387 Datasheet HTML 273Page - Infineon Technologies AG TC387 Datasheet HTML 274Page - Infineon Technologies AG TC387 Datasheet HTML 275Page - Infineon Technologies AG TC387 Datasheet HTML 276Page - Infineon Technologies AG TC387 Datasheet HTML 277Page - Infineon Technologies AG TC387 Datasheet HTML 278Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
274
V 1.2, 2021-03
264
AN10
D / HighZ /
VDDM
5939199
6889293
Analog Input 10
265
AN9
D / HighZ /
VDDM
5892201
7058295
Analog Input 9
266
AN8
D / HighZ /
VDDM
5845203
6889293
Analog Input 8
267
AN7
D / HighZ /
VDDM
5798205
7058295
Analog Input 7
268
AN6
D / HighZ /
VDDM
5751207
6889293
Analog Input 6
269
AN5
D / HighZ /
VDDM
5704209
7058295
Analog Input 5
270
AN4
D / HighZ /
VDDM
5657211
6889293
Analog Input 4
271
AN3
D / HighZ /
VDDM
5610213
7058295
Analog Input 3
272
AN2
D / HighZ /
VDDM
5563215
6889293
Analog Input 2
273
AN1
D / HighZ /
VDDM
5516217
7058295
Analog Input 1
274
AN0
D / HighZ /
VDDM
5469219
6889293
Analog Input 0
276
VSS
Vx
5386005
7058295
Supply Voltage
277
VDD
Vx
5310405
6889293
Supply Voltage
278
VDD
Vx
5234805
7058295
Supply Voltage
279
VSS
Vx
5140809
7058295
Supply Voltage
280
VEXT
Vx
4961709
6889293
Supply Voltage
281
P32.1
SLOW / PU1 /
VEXT / ES
4914711
7058295
General-purpose I/O
282
VGATE1P
Vx
4867713
6889293
DCDC P ch. MOSFET gate
driver output
283
VSS
Vx
4802715
7058295
Supply Voltage
284
VGATE1N
Vx
4737717
6889293
DCDC N ch. MOSFET gate
driver output
285
P32.0
SLOW / PU1 /
VEXT / ES
4690719
7058295
General-purpose I/O
286
VEVRSB
Vx
4607505
6889293
Supply Voltage
287
VEVRSB
Vx
4560507
7058295
Supply Voltage
288
P33.1
SLOW / PU1 /
VEVRSB /
ES5
4513509
6889293
General-purpose I/O
289
VSS
Vx
4466511
7058295
Supply Voltage
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com