Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 270 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 270 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 266Page - Infineon Technologies AG TC387 Datasheet HTML 267Page - Infineon Technologies AG TC387 Datasheet HTML 268Page - Infineon Technologies AG TC387 Datasheet HTML 269Page - Infineon Technologies AG TC387 Datasheet HTML 270Page - Infineon Technologies AG TC387 Datasheet HTML 271Page - Infineon Technologies AG TC387 Datasheet HTML 272Page - Infineon Technologies AG TC387 Datasheet HTML 273Page - Infineon Technologies AG TC387 Datasheet HTML 274Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
270
V 1.2, 2021-03
166
P00.3
SLOW / PU1 /
VEXT / ES1
7222293
3666222
General-purpose I/O
167
P00.4
SLOW / PU1 /
VEXT / ES1
7391295
3713220
General-purpose I/O
168
P00.5
SLOW / PU1 /
VEXT / ES1
7222293
3760218
General-purpose I/O
169
VSS
Vx
7391295
3807216
Supply Voltage
170
P00.6
SLOW / PU1 /
VEXT / ES1
7222293
3854214
General-purpose I/O
171
VEXT
Vx
7391295
3901212
Supply Voltage
172
P00.7
SLOW / PU1 /
VEXT / ES1
7222293
3948210
General-purpose I/O
173
P00.8
SLOW / PU1 /
VEXT / ES1
7391295
3995208
General-purpose I/O
174
P00.9
SLOW / PU1 /
VEXT / ES1
7222293
4042206
General-purpose I/O
175
P00.10
SLOW / PU1 /
VEXT / ES1
7391295
4089204
General-purpose I/O
176
P00.11
SLOW / PU1 /
VEXT / ES1
7222293
4136202
General-purpose I/O
177
P00.12
SLOW / PU1 /
VEXT / ES1
7391295
4183200
General-purpose I/O
179
AN47
D / HighZ /
VDDM
7222293
4257414
Analog Input 47
180
AN46
D / HighZ /
VDDM
7391295
4304412
Analog Input 46
181
AN45
D / HighZ /
VDDM
7222293
4351410
Analog Input 45
182
AN44
D / HighZ /
VDDM
7391295
4398408
Analog Input 44
183
VDDM
Vx
7222293
4445406
Supply Voltage
184
VSSM
Vx
7391295
4492404
Supply Voltage
185
VAREF5
Vx
7222293
4539402
Supply Voltage
186
VAREF4
Vx
7391295
4586400
Supply Voltage
187
VAGND5
Vx
7222293
4633398
Supply Voltage
188
VAGND4
Vx
7391295
4680396
Supply Voltage
189
AN43
D / HighZ /
VDDM
7222293
4727394
Analog Input 43
190
AN42
D / HighZ /
VDDM
7391295
4774392
Analog Input 42
191
AN41
D / HighZ /
VDDM
7222293
4821390
Analog Input 41
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com