Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 271 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 271 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 267Page - Infineon Technologies AG TC387 Datasheet HTML 268Page - Infineon Technologies AG TC387 Datasheet HTML 269Page - Infineon Technologies AG TC387 Datasheet HTML 270Page - Infineon Technologies AG TC387 Datasheet HTML 271Page - Infineon Technologies AG TC387 Datasheet HTML 272Page - Infineon Technologies AG TC387 Datasheet HTML 273Page - Infineon Technologies AG TC387 Datasheet HTML 274Page - Infineon Technologies AG TC387 Datasheet HTML 275Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
271
V 1.2, 2021-03
192
VSSM
Vx
7391295
4868388
Supply Voltage
193
VDDM
Vx
7222293
4915386
Supply Voltage
194
AN40
D / HighZ /
VDDM
7391295
4962384
Analog Input 40
195
AN39/P40.9
S / HighZ /
VDDM
7222293
5009382
Analog Input 39
196
VSSM
Vx
7391295
5056380
Supply Voltage
197
AN38/P40.8
S / HighZ /
VDDM
7222293
5103378
Analog Input 38
198
VDDM
Vx
7391295
5150376
Supply Voltage
199
AN37/P40.7
S / HighZ /
VDDM
7222293
5197374
Analog Input 37
200
AN36/P40.6
S / HighZ /
VDDM
7391295
5244372
Analog Input 36
201
AN35
D / HighZ /
VDDM
7222293
5291370
Analog Input 35
202
AN34
D / HighZ /
VDDM
7391295
5338368
Analog Input 34
203
AN33/P40.5
S / HighZ /
VDDM
7222293
5385366
Analog Input 33
204
AN32/P40.4
S / HighZ /
VDDM
7391295
5432364
Analog Input 32
205
VAREF3
Vx
7222293
5479362
Supply Voltage
206
VAREF2
Vx
7391295
5526360
Supply Voltage
207
VAGND3
Vx
7222293
5573358
Supply Voltage
208
VAGND2
Vx
7391295
5620356
Supply Voltage
209
AN71/P41.3
S / HighZ /
VDDM
7222293
5667354
Analog Input 71
210
AN70/P41.2
S / HighZ /
VDDM
7391295
5714352
Analog Input 70
211
AN69/P41.1
S / HighZ /
VDDM
7222293
5761350
Analog Input 69
212
AN68/P41.0
S / HighZ /
VDDM
7391295
5808348
Analog Input 68
213
AN67/P40.15
S / HighZ /
VDDM
7222293
5855346
Analog Input 67
214
AN66
D / HighZ /
VDDM
7391295
5902344
Analog Input 66
215
AN65
D / HighZ /
VDDM
7222293
5949342
Analog Input 65
216
AN64/P41.8
S / HighZ /
VDDM
7391295
5996340
Analog Input 64
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com