Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 273 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 273 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 269Page - Infineon Technologies AG TC387 Datasheet HTML 270Page - Infineon Technologies AG TC387 Datasheet HTML 271Page - Infineon Technologies AG TC387 Datasheet HTML 272Page - Infineon Technologies AG TC387 Datasheet HTML 273Page - Infineon Technologies AG TC387 Datasheet HTML 274Page - Infineon Technologies AG TC387 Datasheet HTML 275Page - Infineon Technologies AG TC387 Datasheet HTML 276Page - Infineon Technologies AG TC387 Datasheet HTML 277Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
273
V 1.2, 2021-03
239
AN27/P40.3
S / HighZ /
VDDM
7114149
7058295
Analog Input 27
240
AN26/P40.2
S / HighZ /
VDDM
7067151
6889293
Analog Input 26
241
AN25/P40.1
S / HighZ /
VDDM
7020153
7058295
Analog Input 25
242
AN24/P40.0
S / HighZ /
VDDM
6973155
6889293
Analog Input 24
243
AN23
D / HighZ /
VDDM
6926157
7058295
Analog Input 23
244
AN22
D / HighZ /
VDDM
6879159
6889293
Analog Input 22
245
AN21
D / HighZ /
VDDM
6832161
7058295
Analog Input 21
246
AN20
D / HighZ /
VDDM
6785163
6889293
Analog Input 20
247
AN19/P40.12
S / HighZ /
VDDM
6738165
7058295
Analog Input 19
248
AN18/P40.11
S / HighZ /
VDDM
6691167
6889293
Analog Input 18
249
AN17/P40.10
S / HighZ /
VDDM
6644169
7058295
Analog Input 17
250
AN16
D / HighZ /
VDDM
6597171
6889293
Analog Input 16
251
AN15
D / HighZ /
VDDM
6550173
7058295
Analog Input 15
252
VAGND1
Vx
6503175
6889293
Supply Voltage
253
VAGND0
Vx
6456177
7058295
Supply Voltage
254
VAREF1
Vx
6409179
6889293
Supply Voltage
255
VAREF0
Vx
6362181
7058295
Supply Voltage
256
AN14
D / HighZ /
VDDM
6315183
6889293
Analog Input 14
257
AN13
D / HighZ /
VDDM
6268185
7058295
Analog Input 13
258
VDDM
Vx
6221187
6889293
Supply Voltage
259
VSSM
Vx
6174189
7058295
Supply Voltage
260
AN12
D / HighZ /
VDDM
6127191
6889293
Analog Input 12
261
VSSM
Vx
6080193
7058295
Supply Voltage
262
VDDM
Vx
6033195
6889293
Supply Voltage
263
AN11
D / HighZ /
VDDM
5986197
7058295
Analog Input 11
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com