Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 266 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 266 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG TC387 Datasheet HTML 265Page - Infineon Technologies AG TC387 Datasheet HTML 266Page - Infineon Technologies AG TC387 Datasheet HTML 267Page - Infineon Technologies AG TC387 Datasheet HTML 268Page - Infineon Technologies AG TC387 Datasheet HTML 269Page - Infineon Technologies AG TC387 Datasheet HTML 270Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
266
V 1.2, 2021-03
77
VDD
Vx
5274423
179145
Supply Voltage
78
P11.4
RFAST / PU1 /
VFLEX / ES
5390127
348147
General-purpose I/O
79
VSS
Vx
5477625
179145
Supply Voltage
80
P11.3
RFAST / PU1 /
VFLEX / ES
5552829
348147
General-purpose I/O
81
VFLEX
Vx
5599827
179145
Supply Voltage
82
P11.6
RFAST / PU1 /
VFLEX / ES
5675031
348147
General-purpose I/O
83
VSS
Vx
5722029
179145
Supply Voltage
84
P11.5
SLOW /
RGMII_Input /
PU1 / VFLEX /
ES
5769027
348147
General-purpose I/O
85
P11.7
SLOW /
RGMII_Input /
PU1 / VFLEX /
ES
5821407
179145
General-purpose I/O
86
P11.9
FAST /
RGMII_Input /
PU1 / VFLEX /
ES
5872005
348147
General-purpose I/O
87
VFLEX
Vx
5922603
179145
Supply Voltage
88
P11.8
SLOW /
RGMII_Input /
PU1 / VFLEX /
ES
5969601
348147
General-purpose I/O
89
P11.10
FAST /
RGMII_Input /
PU1 / VFLEX /
ES
6020199
179145
General-purpose I/O
90
P11.11
FAST /
RGMII_Input /
PU1 / VFLEX /
ES
6070797
348147
General-purpose I/O
91
VSS
Vx
6121395
179145
Supply Voltage
92
P11.12
FAST /
RGMII_Input /
PU1 / VFLEX /
ES
6168393
348147
General-purpose I/O
93
P11.14
SLOW / PU1 /
VFLEX / ES
6276357
348147
General-purpose I/O
94
P11.13
SLOW / PU1 /
VFLEX / ES
6323355
179145
General-purpose I/O
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com