Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 265 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 265 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 261Page - Infineon Technologies AG TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG TC387 Datasheet HTML 265Page - Infineon Technologies AG TC387 Datasheet HTML 266Page - Infineon Technologies AG TC387 Datasheet HTML 267Page - Infineon Technologies AG TC387 Datasheet HTML 268Page - Infineon Technologies AG TC387 Datasheet HTML 269Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
265
V 1.2, 2021-03
53
P13.5
LVDS_TX /
FAST / PU1 /
VEXT / ES6
3553416
348147
General-purpose I/O
54
P13.6
LVDS_TX /
FAST / PU1 /
VEXT / ES6
3729420
348147
General-purpose I/O
55
P13.7
LVDS_TX /
FAST / PU1 /
VEXT / ES6
3823416
348147
General-purpose I/O
56
VDD
Vx
3934917
348147
Supply Voltage
57
VSS
Vx
3981915
179145
Supply Voltage
58
P13.10
SLOW / PU1 /
VEXT / ES
4085973
348147
General-purpose I/O
59
VSS
Vx
4132971
179145
Supply Voltage
60
P13.12
SLOW / PU1 /
VEXT / ES
4179969
348147
General-purpose I/O
61
VEXT
Vx
4226967
179145
Supply Voltage
62
VDDP3
Vx
4408965
348147
Supply Voltage
63
P13.13
SLOW / PU1 /
VEXT / ES
4455963
179145
General-purpose I/O
64
VDDP3
Vx
4502961
348147
Supply Voltage
65
P13.14
SLOW / PU1 /
VEXT / ES
4549959
179145
General-purpose I/O
66
VDDP3
Vx
4596957
348147
Supply Voltage
67
P13.11
SLOW / PU1 /
VEXT / ES
4643955
179145
General-purpose I/O
68
P13.15
SLOW / PU1 /
VEXT / ES
4690953
348147
General-purpose I/O
69
P14.14
FAST / PU1 /
VEXT / ES
4737951
179145
General-purpose I/O
70
P12.0
SLOW / PU1 /
VFLEX / ES
4832019
179145
General-purpose I/O
71
P12.1
SLOW / PU1 /
VFLEX / ES
4879017
348147
General-purpose I/O
72
P11.0
RFAST / PU1 /
VFLEX / ES
4983021
348147
General-purpose I/O
73
VFLEX
Vx
5030019
179145
Supply Voltage
74
P11.1
RFAST / PU1 /
VFLEX / ES
5105223
348147
General-purpose I/O
75
VSS
Vx
5152221
179145
Supply Voltage
76
P11.2
RFAST / PU1 /
VFLEX / ES
5227425
348147
General-purpose I/O
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com