Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 262 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 262 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 258Page - Infineon Technologies AG TC387 Datasheet HTML 259Page - Infineon Technologies AG TC387 Datasheet HTML 260Page - Infineon Technologies AG TC387 Datasheet HTML 261Page - Infineon Technologies AG TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG TC387 Datasheet HTML 265Page - Infineon Technologies AG TC387 Datasheet HTML 266Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
262
V 1.2, 2021-03
2.3
Sequence of Pads in Pad Frame
Table 2-44 Pad List
Number
Pad Name
Pad Type
X
Y
Comment
1ESR1
FAST / PU1 /
VEXT
263799
179145
ESR1 Port Pin input - can be
used to trigger a reset or an
NMI
ESR1: External System
Request Reset 1. Default NMI
function. See also SCU
chapter for details. Default
after power-on can be
different. See also SCU
chapter ´Reset Control Unit´
and SCU_IOCR register
description.
PMS_EVRWUP: EVR
Wakepup Pin
2ESR0
FAST / OD /
VEXT
357795
179145
ESR0 Port Pin input - can be
used to trigger a reset or an
NMI
ESR0: External System
Request Reset 0. Default
configuration during and after
reset is open-drain driver.
The driver drives low during
power-on reset. This is valid
additionally after deactivation
of PORST_N until the internal
reset phase has finished. See
also SCU chapter for details.
Default after power-on can be
different. See also SCU
chapter ´Reset Control Unit´
and SCU_IOCR register
description.
PMS_EVRWUP: EVR
Wakepup Pin
3
P20.9
FAST / PU1 /
VEXT / ES
409293
348147
General-purpose I/O
4
P20.14
FAST / PU1 /
VEXT / ES
456291
179145
General-purpose I/O
5
P15.0
FAST / PU1 /
VEXT / ES
503289
348147
General-purpose I/O
6
P15.2
FAST / PU1 /
VEXT / ES
550287
179145
General-purpose I/O
7
P15.4
FAST / PU1 /
VEXT / ES
597285
348147
General-purpose I/O
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com