Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 260 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 260 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 256Page - Infineon Technologies AG TC387 Datasheet HTML 257Page - Infineon Technologies AG TC387 Datasheet HTML 258Page - Infineon Technologies AG TC387 Datasheet HTML 259Page - Infineon Technologies AG TC387 Datasheet HTML 260Page - Infineon Technologies AG TC387 Datasheet HTML 261Page - Infineon Technologies AG TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions BGA292 Package Variant Pin Configuration
Data Sheet
260
V 1.2, 2021-03
L19
TRST
I
FAST /
PU2 /
VEXT
JTAG Module Reset/Enable Input
J16
TCK
I
FAST /
PD2 /
VEXT
JTAG Module Clock Input
DAP0
I
DAP: DAP0 Clock Input
K16
TMS
I
FAST /
PD2 /
VEXT
JTAG Module State Machine Control Input
DAP1
I/O
DAP: DAP1 Data I/O
G17
PORST
I/O
PORST /
PD /
VEXT
PORST pin
Power On Reset Input. Additional strong PD in case of
power fail.
Table 2-43 Supply
Ball
Symbol
Ctrl.
Buffer
Type
Function
P8, P13, N7,
N14, E15,
H14, D16,
G13, G8, H7
VDD
I
—
Digital Core Power Supply (1.25V)
A2, B3, V19,
W20
VEXT
I
—
External Power Supply (5V / 3.3V)
D5
VFLEX
I
—
Digital Power Supply for Flex Port Pads (5V / 3.3V)
Y5
VDDM
I
—
ADC Analog Power Supply (5V / 3.3V)
B18, A19
VDDP3
I
—
Flash Power Supply (3.3V)
B2, D4, E5,
T16, U17,
W19, Y20,
E16, D17,
B19, A20
VSS
I
—
Digital Ground
Y4
VSSM
I
—
Analog Ground for VDDM
Table 2-42 System I/O (cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com