Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 261 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 261 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 257Page - Infineon Technologies AG TC387 Datasheet HTML 258Page - Infineon Technologies AG TC387 Datasheet HTML 259Page - Infineon Technologies AG TC387 Datasheet HTML 260Page - Infineon Technologies AG TC387 Datasheet HTML 261Page - Infineon Technologies AG TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG TC387 Datasheet HTML 265Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions BGA292 Package Variant Pin Configuration
Data Sheet
261
V 1.2, 2021-03
P9, P12, N9,
N10, N11,
N12, M7,
M8, M10,
M11, M13,
M14, L8, L9,
L10, L11,
L12, L13,
K8, K9, K10,
K11, K12,
K13, J7, J8,
J10, J11,
J13, J14, H9,
H10, H11,
H12, G9,
G10, G11,
G12, L14,
P10, P11,
K7, L7
VSS
I
—
Digital Ground
L20
VSS
I
—
Oscillator Ground, VSS(OSC)
Y6
VAREF1
I
—
Positive Analog Reference Voltage 1
Y7
VAGND1
I
—
Negative Analog Reference Voltage 1
T1
VAREF2
I
—
Positive Analog Reference Voltage 2
T2
VAGND2
I
—
Negative Analog Reference Voltage 2
K14
NC
I
—
Not connected. These pins are reserved for future
extensions and shall not be connected externally
A1, Y1, U4
NC1
I
—
Not connected. These pins are not connected on
package level and will not be used for future
extensions
T11
VEVRSB
I
—
Standby Power Supply (5V / 3.3V) for the Standby
SRAM
N19
VDD
I
—
Digital Power Supply for Oscillator (1.25V), VDD(OSC)
N20
VEXT
I
—
Digital Power Supply for Oscillator (shall be supplied
with same level as used for VEXT), VEXT(OSC)
Table 2-43 Supply (cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com