Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 263 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 263 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 259Page - Infineon Technologies AG TC387 Datasheet HTML 260Page - Infineon Technologies AG TC387 Datasheet HTML 261Page - Infineon Technologies AG TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG TC387 Datasheet HTML 265Page - Infineon Technologies AG TC387 Datasheet HTML 266Page - Infineon Technologies AG TC387 Datasheet HTML 267Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
263
V 1.2, 2021-03
8
P15.1
FAST / PU1 /
VEXT / ES
644283
179145
General-purpose I/O
9
P15.3
FAST / PU1 /
VEXT / ES
691281
348147
General-purpose I/O
10
P14.0
FAST / PU1 /
VEXT / ES2
738279
179145
General-purpose I/O
11
VDDP3
Vx
785277
348147
Supply Voltage
12
P15.10
FAST / PU1 /
VEXT / ES6
832275
179145
General-purpose I/O
13
P15.11
FAST / PU1 /
VEXT / ES6
926271
179145
General-purpose I/O
14
VDD
Vx
973269
348147
Supply Voltage
15
VSS
Vx
1048869
179145
Supply Voltage
16
P15.12
FAST / PU1 /
VEXT / ES6
1124469
348147
General-purpose I/O
17
P15.6
FAST / PU1 /
VEXT / ES
1171467
179145
General-purpose I/O
18
P15.13
FAST / PU1 /
VEXT / ES6
1218465
348147
General-purpose I/O
19
P15.7
FAST / PU1 /
VEXT / ES
1265463
179145
General-purpose I/O
20
P15.14
FAST / PU1 /
VEXT / ES
1312461
348147
General-purpose I/O
21
VEXT
Vx
1359459
179145
Supply Voltage
22
P15.15
FAST / PU1 /
VEXT / ES
1406457
348147
General-purpose I/O
23
VSS
Vx
1453455
179145
Supply Voltage
24
P14.4
SLOW / PU2 /
VEXT / ES
1500453
348147
General-purpose I/O
25
P15.8
FAST / PU1 /
VEXT / ES
1547451
179145
General-purpose I/O
26
P14.1
FAST / PU1 /
VEXT / ES2
1594449
348147
General-purpose I/O
27
P14.3
SLOW / PU2 /
VEXT / ES
1641447
179145
General-purpose I/O
28
P14.5
FAST / PU2 /
VEXT / ES
1688445
348147
General-purpose I/O
29
P15.5
FAST / PU1 /
VEXT / ES
1735443
179145
General-purpose I/O
30
P14.11
SLOW / PU1 /
VEXT / ES
1782441
348147
General-purpose I/O
31
VSS
Vx
1858041
179145
Supply Voltage
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com