Electronic Components Datasheet Search
  English  ▼

X  

TC387 Datasheet(PDF) 264 Page - Infineon Technologies AG

Part # TC387
Description  32-Bit Single-Chip Microcontroller
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC387 Datasheet(HTML) 264 Page - Infineon Technologies AG

Back Button TC387 Datasheet HTML 260Page - Infineon Technologies AG TC387 Datasheet HTML 261Page - Infineon Technologies AG TC387 Datasheet HTML 262Page - Infineon Technologies AG TC387 Datasheet HTML 263Page - Infineon Technologies AG TC387 Datasheet HTML 264Page - Infineon Technologies AG TC387 Datasheet HTML 265Page - Infineon Technologies AG TC387 Datasheet HTML 266Page - Infineon Technologies AG TC387 Datasheet HTML 267Page - Infineon Technologies AG TC387 Datasheet HTML 268Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 416 page
background image
TC38x AD/AE-Step
Pin Definition and Functions Sequence of Pads in Pad Frame
Data Sheet
264
V 1.2, 2021-03
32
P14.12
SLOW / PU1 /
VEXT / ES
1933641
348147
General-purpose I/O
33
VDD
Vx
2009241
179145
Supply Voltage
34
P14.13
FAST / PU1 /
VEXT / ES
2084841
348147
General-purpose I/O
35
P14.7
SLOW / PU1 /
VEXT / ES
2131839
179145
General-purpose I/O
36
P14.15
SLOW / PU1 /
VEXT / ES
2178837
348147
General-purpose I/O
37
P14.6
FAST / PU1 /
VEXT / ES
2225835
179145
General-purpose I/O
38
VEXT
Vx
2272833
348147
Supply Voltage
39
P14.9
LVDS_RX /
FAST / PU1 /
VEXT / ES
2347884
179145
General-purpose I/O
40
P14.10
LVDS_RX /
FAST / PU1 /
VEXT / ES
2441880
179145
General-purpose I/O
41
P14.8
SLOW / PU1 /
VEXT / ES
2516931
348147
General-purpose I/O
42
P14.2
SLOW / PU2 /
VEXT / ES
2563929
179145
General-purpose I/O
43
P13.0
LVDS_TX /
FAST / PU1 /
VEXT / ES6
2675430
348147
General-purpose I/O
44
P13.1
LVDS_TX /
FAST / PU1 /
VEXT / ES6
2769426
348147
General-purpose I/O
45
VDD
Vx
2880927
348147
Supply Voltage
46
VSS
Vx
2936925
179145
Supply Voltage
47
P13.2
LVDS_TX /
FAST / PU1 /
VEXT / ES6
3048426
348147
General-purpose I/O
48
P13.3
LVDS_TX /
FAST / PU1 /
VEXT / ES6
3142422
348147
General-purpose I/O
49
VDD
Vx
3253923
179145
Supply Voltage
50
P13.9
FAST / PU1 /
VEXT / ES
3300921
348147
General-purpose I/O
51
VSS
Vx
3347919
179145
Supply Voltage
52
P13.4
LVDS_TX /
FAST / PU1 /
VEXT / ES6
3459420
348147
General-purpose I/O
Table 2-44 Pad List (cont’d)
Number
Pad Name
Pad Type
X
Y
Comment
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com