Electronic Components Datasheet Search
  English  ▼

X  

LPC43S50 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC43S50
Description  32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S50 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC43S50 Datasheet HTML 1Page - NXP Semiconductors LPC43S50 Datasheet HTML 2Page - NXP Semiconductors LPC43S50 Datasheet HTML 3Page - NXP Semiconductors LPC43S50 Datasheet HTML 4Page - NXP Semiconductors LPC43S50 Datasheet HTML 5Page - NXP Semiconductors LPC43S50 Datasheet HTML 6Page - NXP Semiconductors LPC43S50 Datasheet HTML 7Page - NXP Semiconductors LPC43S50 Datasheet HTML 8Page - NXP Semiconductors LPC43S50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
LPC43S50_S30_S20
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 20 January 2020
2 of 156
NXP Semiconductors
LPC43S50/S30/S20
32-bit ARM Cortex-M4/M0 microcontroller
Cortex-M0 Processor core
ARM Cortex-M0 coprocessor capable of off-loading the main ARM Cortex-M4
application processor.
Running at frequencies of up to 204 MHz.
JTAG
Built-in NVIC.
On-chip memory
Up to 264 kB SRAM for code and data use.
Multiple SRAM blocks with separate bus access. Two SRAM blocks can be
powered down individually.
64 kB ROM containing boot code and on-chip software drivers.
64 bit general-purpose OTP memory.
Two banks (256 bit total) One-Time Programmable (OTP) memory for AES key
storage One bank can store an encrypted key for decoding the boot image.
AES engine for encryption and decryption of the boot image and data with DMA
support and programmable via a ROM-based API.
Clock generation unit
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
12 MHz Internal RC (IRC) oscillator trimmed to 1.5 % accuracy over temperature
and voltage.
Ultra-low power Real-Time Clock (RTC) crystal oscillator.
Three PLLs allow CPU operation up to the maximum CPU rate without the need for
a high-frequency crystal. The second PLL is dedicated to the High-speed USB, the
third PLL can be used as audio PLL.
Clock output.
Configurable digital peripherals
Serial GPIO (SGPIO) interface.
State Configurable Timer (SCTimer/PWM) subsystem on AHB.
Global Input Multiplexer Array (GIMA) allows to cross-connect multiple inputs and
outputs to event driven peripherals like the timers, SCTimer/PWM, and ADC0/1.
Serial interfaces
Quad SPI Flash Interface (SPIFI) with 1-, 2-, or 4-bit data at rates of up to
52 MB per second.
10/100T Ethernet MAC with RMII and MII interfaces and DMA support for high
throughput at low CPU load. Support for IEEE 1588 time stamping/advanced time
stamping (IEEE 1588-2008 v2).
One High-speed USB 2.0 Host/Device/OTG interface with DMA support and
on-chip high-speed PHY (USB0).
One High-speed USB 2.0 Host/Device interface with DMA support, on-chip
full-speed PHY and ULPI interface to external high-speed PHY (USB1).
USB interface electrical test software included in ROM USB stack.
Four 550 UARTs with DMA support: one UART with full modem interface; one
UART with IrDA interface; three USARTs support UART synchronous mode and a
smart card interface conforming to ISO7816 specification.
Up to two C_CAN 2.0B controllers with one channel each. Use of C_CAN controller
excludes operation of all other peripherals connected to the same bus bridge See
Figure 1 and Ref. 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com