Electronic Components Datasheet Search
  English  ▼

X  

LPC43S50 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC43S50
Description  32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S50 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC43S50 Datasheet HTML 92Page - NXP Semiconductors LPC43S50 Datasheet HTML 93Page - NXP Semiconductors LPC43S50 Datasheet HTML 94Page - NXP Semiconductors LPC43S50 Datasheet HTML 95Page - NXP Semiconductors LPC43S50 Datasheet HTML 96Page - NXP Semiconductors LPC43S50 Datasheet HTML 97Page - NXP Semiconductors LPC43S50 Datasheet HTML 98Page - NXP Semiconductors LPC43S50 Datasheet HTML 99Page - NXP Semiconductors LPC43S50 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
LPC43S50_S30_S20
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 20 January 2020
96 of 156
NXP Semiconductors
LPC43S50/S30/S20
32-bit ARM Cortex-M4/M0 microcontroller
10.1 Power consumption
Conditions: Tamb = 25 C; active mode entered executing code while(1){} from SRAM; M0-core in
reset; internal pull-up resistors disabled; PLL1 enabled; IRC enabled; all peripherals disabled; all
peripheral clocks disabled.
Fig 11. Typical supply current versus regulator supply voltage VDD(REG)(3V3) in active
mode
Conditions: VDD(REG)(3V3) = 3.3 V, Active mode entered executing code while(1){} from SRAM;
M0-core in reset; internal pull-up resistors disabled; PLL1 enabled; IRC enabled; all peripherals
disabled; all peripheral clocks disabled.
Fig 12. Typical supply current versus temperature in Active mode
002aah611
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
0
20
40
60
80
100
VDD(REG)(3V3) (V)
IDD(REG)(3V3)
IDD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
12 MHz
12 MHz
12 MHz
60 MHz
60 MHz
60 MHz
120 MHz
120 MHz
120 MHz
180 MHz
180 MHz
180 MHz
204 MHz
204 MHz
204 MHz
002aah612
-40
-15
10
35
60
85
0
20
40
60
80
100
temperature (°C)
IDD(REG)(3V3)
IDD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
12 MHz
12 MHz
12 MHz
60 MHz
60 MHz
60 MHz
120 MHz
120 MHz
120 MHz
180 MHz
180 MHz
180 MHz
204 MHz
204 MHz
204 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com