Electronic Components Datasheet Search
  English  ▼

X  

LPC43S50 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC43S50
Description  32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S50 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC43S50 Datasheet HTML 42Page - NXP Semiconductors LPC43S50 Datasheet HTML 43Page - NXP Semiconductors LPC43S50 Datasheet HTML 44Page - NXP Semiconductors LPC43S50 Datasheet HTML 45Page - NXP Semiconductors LPC43S50 Datasheet HTML 46Page - NXP Semiconductors LPC43S50 Datasheet HTML 47Page - NXP Semiconductors LPC43S50 Datasheet HTML 48Page - NXP Semiconductors LPC43S50 Datasheet HTML 49Page - NXP Semiconductors LPC43S50 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
LPC43S50_S30_S20
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 20 January 2020
46 of 156
NXP Semiconductors
LPC43S50/S30/S20
32-bit ARM Cortex-M4/M0 microcontroller
PD_8
P8
-
-
-
[2]
N;
PU
-
R — Function reserved.
I
CTIN_6 — SCTimer/PWM input 6. Capture input 1 of timer 3.
I/O EMC_D22 — External memory data line 22.
-
R — Function reserved.
I/O GPIO6[22] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O SGPIO12 — General purpose digital input/output pin.
PD_9
T11
-
-
-
[2]
N;
PU
-
R — Function reserved.
O
CTOUT_13 — SCTimer/PWM output 13. Match output 3 of
timer 3.
I/O EMC_D23 — External memory data line 23.
-
R — Function reserved.
I/O GPIO6[23] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O SGPIO13 — General purpose digital input/output pin.
PD_10
P11
-
-
-
[2]
N;
PU
-
R — Function reserved.
I
CTIN_1 — SCTimer/PWM input 1. Capture input 1 of timer 0.
Capture input 1 of timer 2.
O
EMC_BLS3 — LOW active Byte Lane select signal 3.
-
R — Function reserved.
I/O GPIO6[24] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
PD_11
N9
M7
-
-
[2]
N;
PU
-
R — Function reserved.
-
R — Function reserved.
O
EMC_CS3 — LOW active Chip Select 3 signal.
-
R — Function reserved.
I/O GPIO6[25] — General purpose digital input/output pin.
I/O USB1_ULPI_D0 — ULPI link bidirectional data line 0.
O
CTOUT_14 — SCTimer/PWM output 14. Match output 2 of
timer 3.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com